Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS16GSDHC6 Fiches technique(PDF) 9 Page - Transcend Information. Inc.

No de pièce TS16GSDHC6
Description  4~32GB High Capacity Secure Digital Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GSDHC6 Fiches technique(HTML) 9 Page - Transcend Information. Inc.

Back Button TS16GSDHC6 Datasheet HTML 5Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 6Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 7Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 8Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 9Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 10Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 11Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 12Page - Transcend Information. Inc. TS16GSDHC6 Datasheet HTML 13Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
9
Output Delay time during Data Transfer Mode
tODLY
14
ns
CL ≤ 40 pF, (1 card)
Output Hold time
tOH
2.5
ns
CL ≤ 40 pF, (1 card)
Total System capacitance for each line
1
CL
40
pF
(1 card)
1) In order to satisfy severe timing, host shall drive only one card.


Numéro de pièce similaire - TS16GSDHC6

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GSDHC6-P2 TRANSCEND-TS16GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
TS16GSDHC6V TRANSCEND-TS16GSDHC6V Datasheet
590Kb / 24P
   4GB~16GB SDHC6 HD Video Card
More results

Description similaire - TS16GSDHC6

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com