Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2GJFT3 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS2GJFT3
Description  2GB USB2.0 JetFlash?줥3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJFT3 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS2GJFT3 Datasheet HTML 1Page - Transcend Information. Inc. TS2GJFT3 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
FT
T
T3
3
3
2GB USB2.0 JetFlash™T3
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
2GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Numéro de pièce similaire - TS2GJFT3

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GJFT5T TRANSCEND-TS2GJFT5T Datasheet
47Kb / 2P
   2GB USB2.0 JetFlash?줥5T
More results

Description similaire - TS2GJFT3

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GJFT3 TRANSCEND-TS4GJFT3 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줥3
TS8GJFT3 TRANSCEND-TS8GJFT3 Datasheet
57Kb / 2P
   8GB USB2.0 JetFlash?줥3
TS1GJFT3 TRANSCEND-TS1GJFT3 Datasheet
56Kb / 2P
   1GB USB2.0 JetFlash?줥3
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV35 TRANSCEND-TS2GJFV35 Datasheet
67Kb / 2P
   2GB USB2.0 JetFlash?줧35
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com