Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2GJF185 Fiches technique(PDF) 1 Page - Transcend Information. Inc.

No de pièce TS2GJF185
Description  2GB USB2.0 JetFlash?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJF185 Fiches technique(HTML) 1 Page - Transcend Information. Inc.

  TS2GJF185 Datasheet HTML 1Page - Transcend Information. Inc. TS2GJF185 Datasheet HTML 2Page - Transcend Information. Inc. TS2GJF185 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
F1
1
18
8
85
5
5
2GB USB2.0 JetFlash
Transcend Information Inc.
1
Description
TS2GJF185 is a 2GB USB Flash Drive with 1 pcs of
2Gx8 Flash Memory assembled on a printed circuit
board.
Outline
Features
Frame Color: Red
USB 2.0 compatible, true Plug and Play
Powered directly via the USB port. No external power or
battery needed
LED indicates the usage status of JetFlash™
JetFlash elite software pack includes (Windows
2000/XP/Vista/Windows 7 only):
Favorites Function: store all your favorite website addresses
on the JetFlash™
AutoLogin Function: automatically login to websites where
you have a password
Secret-Zip Function: compress and/or password protect
saved files using 256-bit AES
encryption
PC-Lock Function: makes JetFlash™ a key to your
computer
E-Mail Function: use your JetFlash™ to securely send,
receive and save e-mails
DataBackup Function: backup, restore and synchronize
your data
System Requirement
Hardware: Desktop or notebook computer with USB port
Operating System: Windows
® 2000 SP4, Windows® XP
SP2, Windows
® Vista, Windows® 7 and Mac™ OS 9.0 or
later, Linux™ Kernel 2.4.2 or later
Dimensions
Side
Millimeters
Inches
A
49.5 ± 1.00
1.95 ± 0.04
B
15.8 ± 1.00
0.62 ± 0.04
C
7.4 ± 1.00
0.29 ± 0.04


Numéro de pièce similaire - TS2GJF185

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GJF110 TRANSCEND-TS2GJF110 Datasheet
84Kb / 2P
   2GB USB2.0 JetFlash??10
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJF150 ETC-TS2GJF150 Datasheet
182Kb / 4P
   2GB USB2.0 JetFlash 150
logo
Transcend Information. ...
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
More results

Description similaire - TS2GJF185

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV35 TRANSCEND-TS2GJFV35 Datasheet
67Kb / 2P
   2GB USB2.0 JetFlash?줧35
TS2GJFV90C TRANSCEND-TS2GJFV90C Datasheet
45Kb / 2P
   2GB USB2.0 JetFlash?줧90C
TS2GJFV90P TRANSCEND-TS2GJFV90P Datasheet
44Kb / 2P
   2GB USB2.0 JetFlash?줧90P
TS2GJFT5T TRANSCEND-TS2GJFT5T Datasheet
47Kb / 2P
   2GB USB2.0 JetFlash?줥5T
TS2GJFV20 TRANSCEND-TS2GJFV20 Datasheet
47Kb / 2P
   2GB USB2.0 JetFlash?줧20
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com