Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51969 Fiches technique(PDF) 9 Page - Cyrustek corporation

No de pièce ES51969
Description  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 Fiches technique(HTML) 9 Page - Cyrustek corporation

Back Button ES51969 Datasheet HTML 5Page - Cyrustek corporation ES51969 Datasheet HTML 6Page - Cyrustek corporation ES51969 Datasheet HTML 7Page - Cyrustek corporation ES51969 Datasheet HTML 8Page - Cyrustek corporation ES51969 Datasheet HTML 9Page - Cyrustek corporation ES51969 Datasheet HTML 10Page - Cyrustek corporation ES51969 Datasheet HTML 11Page - Cyrustek corporation ES51969 Datasheet HTML 12Page - Cyrustek corporation ES51969 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
v2.6
9
08/10/06
ES51969
6,600 Counts Auto DMM
1.2 Resistance Measurement
A re-configurable divider automatically provides a suitable full-scale range in resistance
measurement mode. The following table summarizes the full-scale ranges and the
reference resistors in each configuration. In 66MΩ range, the resolution is 0.1MΩ, if
SHIFT is floating or connected to DGND. It will be changed to 0.01MΩ, if DSHIFT is
pulled to V-.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR1
660.0Ω
OR1
100Ω
OR2
6.600KΩ
VR5
1KΩ
OR3
66.00KΩ
VR4
10KΩ
OR4
660.0KΩ
VR3∥VR1
100KΩ
OR5
6.600MΩ
VR2∥VR1
1MΩ
OR6
66.00MΩ
VR1
10MΩ
1.3 Current measurement for multimeter
ES51969 has 2 automatic and 1 manual current measurement modes for multimeter.
The following table summarizes the full-scale range of each mode. When ES51969
operates in the current measurement modes for multimeter, It takes high input from pin
IVSH or IVSL, low input from pin SGND and reference voltage from pin VR.
Mode
FC1~4
2VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
1
660.0µA / 6600µA
3IVSL/IVSH V.S. SGND
Automatic2
1,1,1,1
1
66.00mA / 660.0mA 3IVSL/IVSH V.S. SGND
Manual
0,0,0,0
X
66.00A
IVSH V.S. SGND
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel, so in the mV range of voltage
measurement, this pin must keep floating.
2. The typical connection of input terminal is as the schematic below:
*The voltage results from the current flows through resistors R and 9R. Its input range is up to 3.3Vrms.
1.4 Current measurement for clampmeter
ES51969 has 2 automatic and 4 manual current measurement modes for Clampmeter.
The following table summarizes the full-scale range of each mode. When ES51969
operate in the automatic mode1&2, it takes high input from IVSH/IVSL (higher
range/lower range), low input from SGND and reference voltage from VR. When
ES51969 operate in the manual mode1~4, It takes high input from ADP, low input from
SGND and reference voltage from VA+ and VA-.
IVSL
IVSH
Vin*
9R
R
100K
100K


Numéro de pièce similaire - ES51969

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
More results

Description similaire - ES51969

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com