Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51964 Fiches technique(PDF) 7 Page - Cyrustek corporation

No de pièce ES51964
Description  Dual Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51964 Fiches technique(HTML) 7 Page - Cyrustek corporation

Back Button ES51964 Datasheet HTML 3Page - Cyrustek corporation ES51964 Datasheet HTML 4Page - Cyrustek corporation ES51964 Datasheet HTML 5Page - Cyrustek corporation ES51964 Datasheet HTML 6Page - Cyrustek corporation ES51964 Datasheet HTML 7Page - Cyrustek corporation ES51964 Datasheet HTML 8Page - Cyrustek corporation ES51964 Datasheet HTML 9Page - Cyrustek corporation ES51964 Datasheet HTML 10Page - Cyrustek corporation ES51964 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
v2.5
09/04/14
7
ES51964(6600counts)
Dual Display
1.2 Dual display V.S. measurement mode
The main-display always shows reading in main measurement mode, and sub-display shows
reading in sub-measurement mode or special function. The configuration is shown at the
table below.
Main measurement mode Main-display
Sub-display default
DC voltage
DC voltage
N/A
AC voltage
AC voltage
frequency
DC current
DC current
N/A
AC current for multimeter AC current
frequency
AC current for clampmeter AC current
frequency
Resistance mode
Resistance
N/A
Capacitance mode
Capacitance
N/A
Frequency mode
Frequency
Duty cycle
Continuity Check
Resistance
N/A
Diode mode
Voltage
N/A
Temperature mode
Temperature
N/A
ADP mode
A/D result
N/A
Note: N/A means that sub-display shows nothing if no push function is enabled.
1.3 Dual display V.S. push function
With dual display, user can observe current measurement result and special function at the
same time. In other single-display DMM, it can not show the current value when some
special function, for example, Relative, Max/Min, is enabled. In order to see the current
measurement value, the enabled function must be canceled.
Push function
Main-display
Sub-display
Enable Hold
Stop updating
Stop updating
Max/Min
Current value
Max. or Min. of current value
Relative
Relative value1
Reference Value
Zero
Modified value2
N/A
1Relative value = Current A/D result – Reference value
2Modified value = Current A/D result – zero offset value.


Numéro de pièce similaire - ES51964

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

Description similaire - ES51964

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
logo
List of Unclassifed Man...
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
C-562X ETC-C-562X Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com