Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5120AZ Fiches technique(PDF) 10 Page - Cyrustek corporation

No de pièce ES5120AZ
Description  3 3/4 DIGIT A/D CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5120AZ Fiches technique(HTML) 10 Page - Cyrustek corporation

Back Button ES5120AZ Datasheet HTML 6Page - Cyrustek corporation ES5120AZ Datasheet HTML 7Page - Cyrustek corporation ES5120AZ Datasheet HTML 8Page - Cyrustek corporation ES5120AZ Datasheet HTML 9Page - Cyrustek corporation ES5120AZ Datasheet HTML 10Page - Cyrustek corporation ES5120AZ Datasheet HTML 11Page - Cyrustek corporation ES5120AZ Datasheet HTML 12Page - Cyrustek corporation ES5120AZ Datasheet HTML 13Page - Cyrustek corporation ES5120AZ Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ES5120
3 3/4 DIGIT A/D CONVERTER
Pin No. Pin No.
(40-pin (44-pin Flat
Package) Package) Symbol Descrlption
19
15
RANGE/
FREQ
Dual-purpose input.In voltage mode:When connected to V+; the
FREQ integration time will be 200 counts instead of 2000
counts,and the LCD will display the analog input divided by 10. In
frequency mode, this pin is the frequency input. A digital signal
applied to this pin will be measured with a one second timebase.
There is an internal 5μA pulldown to DGND.
20
16
DP0/LO
Dual-purpose input. Decimal Point select input for voltage
measurements. In logic mode, connecting this pin to V+ will turn
on "low" LCD segment. There is an internal 5μA pulldown to
DGND in volts mode only. Decimal point logic:
DP1
DP0 Decimal Point Selected
00
None
01
DP1
10
DP2
11
Dp3
21
17
DP1/HI
Dual-purpose input. Decimal Point select input for voltage
measurements. In logic mode, connecting this pin to V+ will turn
on the "high" LCD segment. There is an internal 5μA pulldown to
DGND in volts mode only.
22
18
BUZOUT Buzzer output. Audio frequency, 2.5K or 5.0K for choice
determined by chip bonding, output which drives a piezo buzzer.


Numéro de pièce similaire - ES5120AZ

FabricantNo de pièceFiches techniqueDescription
logo
ESS Technology,Inc
ES5120AZ ESS-ES5120AZ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

Description similaire - ES5120AZ

FabricantNo de pièceFiches techniqueDescription
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com