Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9000EP Fiches technique(PDF) 9 Page - Davicom Semiconductor, Inc.

No de pièce DM9000EP
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAVICOM [Davicom Semiconductor, Inc.]
Site Internet  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000EP Fiches technique(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9000EP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9000EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
9
Version: DM9000-DS-F03
April 23, 2009
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
Note: The pins EECS,EECK and EEDO are all have a pulled down resistor about 60k ohm internally
5.4 Clock Interface
21
X2_25M
O
Crystal 25MHz Out
22
X1_25M
I
Crystal 25MHz In
59
CLK20MO
O
20Mhz Clock Output
It is used as the clock signal for the external MII device’s clock is 20MHz
This pin has a pulled down resistor about 60k ohm internally.
5.5 LED
Interface
60
SPEED100#
O
Speed LED
Its low output indicates that the internal PHY is operated in 100M/S, or it
is floating for the 10M mode of the internal PHY
61
DUP#
O
Full-duplex LED
In LED mode 1, Its low output indicates that the internal PHY is operated
in full-duplex mode, or it is floating for the half-duplex mode of the internal
PHY
In LED mode 0, Its low output indicates that the internal PHY is operated
in 10M mode, or it is floating for the 100M mode of the internal PHY
62
LINK&ACT#
O
Link LED
In LED mode 1, it is the combined LED of link and carrier sense signal of
the internal PHY
In LED mode 0, it is the LED of the carrier sense signal of the internal
PHY only
5.6 10/100 PHY
25
BGGND
P
Bandgap Ground
26
BGRES
I/O
Bandgap Pin
27
AVDD
P
Bandgap and Guard Ring Power
28
AVDD
P
RX Power
29
RXI+
I
TP RX Input
30
RXI-
I
TP RX Input
31
AGND
P
RX Ground
32
AGND
P
TX Ground
33
TXO+
O
TP TX Output
34
TXO-
O
TP TX Output
35
AVDD
P
TX Power
5.7 Miscellaneous
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test 1, 2, 3, 4 = (1, 1, 0, 0) in normal application
48
TEST5
I
It must be ground.


Numéro de pièce similaire - DM9000EP

FabricantNo de pièceFiches techniqueDescription
logo
Davicom Semiconductor, ...
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Description similaire - DM9000EP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
   Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Synaptics Incorporated.
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
   Integrated 10/100 Ethernet MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com