Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHA2394 Fiches technique(PDF) 3 Page - United Monolithic Semiconductors

No de pièce CHA2394
Description  36-40GHz Very Low Noise High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UMS [United Monolithic Semiconductors]
Site Internet  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2394 Fiches technique(HTML) 3 Page - United Monolithic Semiconductors

  CHA2394 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
36-40GHz Very Low Noise Amplifier
CHA2394
Ref. : DSCHA23942240 -28-Aug.-02
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd = 3.5 Volt, Id = 60 mA.
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
20,00
-2,75
120,50
-48,15
148,90
-29,86
60,85
-8,63
-167,63
21,00
-2,67
112,34
-47,38
124,38
-30,25
88,05
-8,34
-172,68
22,00
-2,61
103,14
-46,75
104,04
-27,37
109,54
-8,61
-179,98
23,00
-2,64
93,91
-47,13
86,03
-24,34
126,91
-8,92
172,06
24,00
-2,70
84,09
-47,59
78,03
-19,83
140,52
-9,57
163,86
25,00
-2,86
73,06
-47,20
57,56
-14,48
146,82
-10,03
156,11
26,00
-3,14
60,56
-48,55
43,27
-8,77
144,71
-10,82
146,54
27,00
-3,69
45,51
-51,10
30,27
-2,99
136,53
-12,09
136,06
28,00
-4,64
26,86
-53,09
53,09
3,00
121,47
-13,97
127,00
29,00
-6,67
1,63
-49,95
40,63
9,18
98,55
-17,34
120,22
30,00
-12,47
-33,41
-46,00
19,49
15,20
62,25
-22,38
145,19
31,00
-24,80
45,44
-42,45
-42,78
18,91
12,46
-16,56
167,67
32,00
-17,12
23,80
-41,43
-103,62
19,89
-32,13
-14,80
144,56
33,00
-23,20
-42,55
-40,56
-152,24
20,36
-67,68
-16,05
123,76
34,00
-19,03
-169,48
-39,68
170,39
20,77
-100,08
-18,09
107,73
35,00
-12,46
150,31
-38,71
143,10
20,98
-130,13
-21,69
77,58
36,00
-9,33
121,49
-37,54
123,52
21,06
-159,84
-27,59
9,57
37,00
-8,60
98,97
-36,14
104,39
20,87
172,52
-22,46
-82,68
38,00
-8,42
82,30
-34,82
83,69
20,58
146,27
-17,76
-110,30
39,00
-8,47
68,26
-33,60
64,74
20,27
121,22
-14,75
-129,22
40,00
-9,42
54,37
-32,98
45,70
19,84
95,76
-12,44
-146,78
41,00
-10,23
46,67
-32,48
26,65
19,24
72,14
-11,06
-164,32
42,00
-10,72
39,92
-32,21
11,28
18,67
50,20
-10,53
-179,35
43,00
-10,45
31,54
-31,68
-6,54
18,19
28,89
-10,41
170,06
44,00
-9,61
16,79
-31,02
-24,45
17,83
6,99
-10,02
160,92
45,00
-8,75
-4,98
-30,90
-42,39
17,42
-15,61
-9,83
151,98
46,00
-7,93
-30,22
-30,45
-61,72
17,00
-38,88
-9,17
144,58
47,00
-6,42
-61,17
-30,47
-83,47
16,37
-63,88
-8,39
134,96
48,00
-4,94
-93,19
-31,52
-107,28
15,28
-89,82
-7,55
121,85
49,00
-3,67
-122,84
-32,48
-128,35
13,83
-114,96
-6,98
108,11
50,00
-2,71
-147,44
-33,68
-147,17
12,15
-137,91
-6,69
91,01


Numéro de pièce similaire - CHA2394

FabricantNo de pièceFiches techniqueDescription
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
More results

Description similaire - CHA2394

FabricantNo de pièceFiches techniqueDescription
logo
United Monolithic Semic...
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
   36-40GHz Very Low Noise Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
   36-40GHz Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com