Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8218 Fiches technique(PDF) 57 Page - ams AG

No de pièce AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Fiches technique(HTML) 57 Page - ams AG

Back Button AS8218_1 Datasheet HTML 53Page - ams AG AS8218_1 Datasheet HTML 54Page - ams AG AS8218_1 Datasheet HTML 55Page - ams AG AS8218_1 Datasheet HTML 56Page - ams AG AS8218_1 Datasheet HTML 57Page - ams AG AS8218_1 Datasheet HTML 58Page - ams AG AS8218_1 Datasheet HTML 59Page - ams AG AS8218_1 Datasheet HTML 60Page - ams AG AS8218_1 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 57 of 123
SET_EN0/SET_EN1 (9505h/9506h)
The SET_EN registers set the en_io signal of the related I/O pin. The en_io enables the tri-state output buffer
so that the I/O pins operate as outputs.
IOx:
0:
disable output (I/O used as input)
1:
enable output
SET_EN0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SET_EN1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8228 only
SEL_DRV0/SEL_DRV1 (9507h/9508h)
The SEL_DRV registers select the current drive strength for all the I/Os that have been selected as outputs:
IOx:
0:
4mA
1:
8mA
SEL_DRV0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SEL_DRV1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8228 only
SEL_PUPD0/SEL_PUPD1 (9509h/950Ah)
The SEL_PUPD registers select either a pull-up or pull-down resistor for each of the I/O pins:
IOx:
0: pull-down
1:
pull-up
SEL_PUPD0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SEL_PUPD1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8228 only


Numéro de pièce similaire - AS8218_1

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
   Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
More results

Description similaire - AS8218_1

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
   Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
   Energy Metering IC with Integrated Oscillator
REV. A
logo
SINOWEALTH Electronic L...
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
   Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
   highly integrated single chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com