Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8218 Fiches technique(PDF) 19 Page - ams AG

No de pièce AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Fiches technique(HTML) 19 Page - ams AG

Back Button AS8218_1 Datasheet HTML 15Page - ams AG AS8218_1 Datasheet HTML 16Page - ams AG AS8218_1 Datasheet HTML 17Page - ams AG AS8218_1 Datasheet HTML 18Page - ams AG AS8218_1 Datasheet HTML 19Page - ams AG AS8218_1 Datasheet HTML 20Page - ams AG AS8218_1 Datasheet HTML 21Page - ams AG AS8218_1 Datasheet HTML 22Page - ams AG AS8218_1 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 19 of 123
Independent calibration of the voltage (cal_v) and current signals (cal_i1 and cal_i2) is done after the voltage
and current signals are provided for power calculation. This ensures that calibration of the voltage (sos_v),
current channel 1 (sos_i1), current channel 2 (sos_i2) has no influence on the power (np) calibration.
The iMux (current multiplexer) allows the selection of the applicable current for power calculation (sel_i), while
the vMux (voltage multiplexer) allows the selection of either the mains voltage data, or a constant voltage
value, vconst (sel_v). The multiplication of the appropriately selected voltage and current signals is then
performed.
After multiplication, the next multiplexer (sel_p) enables the selection of either instantaneous power or real
power, which is filtered through a low pass filter, PLP. The direction indicator output (diro) is derived from the
output of the power low pass filter (PLP).
The following multiplexer (creep) allows the selection of the power signal, or blocks the power signal,
depending on the required anti-creep and starting current thresholds, which may be set in the microcontroller.
Only when constant voltage value (vconst) is selected by the vMux (voltage multiplexer) or when diro=1, it is
necessary to derive the absolute power value, for measurement (Abs).
The first pulse generator (Fast Pulse Gen) produces fast internal pulses, with the number of pulses being
proportional to the measured energy. The multiplexer enables the selection of the appropriate pulse level
(pulselev_i1 or pulselev_i2) depending on the current being used for energy measurement (sel_i). The output
of the Fast Pulse Gen is always directly proportional to the LED pulse output, generated in the LED Pulse Gen.
The LED output pulse rate is selectable (mconst). The polarity of the LED output pulses is also selectable
(ledpol).
To ensure that the power data transferred to the microcontroller (MCU) is identical to that of the LED pulses,
the power accumulator (P_ACCU) counts the pulses generated by the Fast Pulse Gen. After a defined number
of sampling periods (nsamp), an interrupt is sent to the MCU, for the MCU to collect the accumulated energy
data.


Numéro de pièce similaire - AS8218_1

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
   Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
More results

Description similaire - AS8218_1

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
   Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
   Energy Metering IC with Integrated Oscillator
REV. A
logo
SINOWEALTH Electronic L...
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
   Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
   SINGLE PHASE POWER/ENERGY METERING MODULE
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
   highly integrated single chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com