Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS92010D Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS92010D
Description  8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS92010D Fiches technique(HTML) 4 Page - Texas Instruments

  TPS92010D Datasheet HTML 1Page - Texas Instruments TPS92010D Datasheet HTML 2Page - Texas Instruments TPS92010D Datasheet HTML 3Page - Texas Instruments TPS92010D Datasheet HTML 4Page - Texas Instruments TPS92010D Datasheet HTML 5Page - Texas Instruments TPS92010D Datasheet HTML 6Page - Texas Instruments TPS92010D Datasheet HTML 7Page - Texas Instruments TPS92010D Datasheet HTML 8Page - Texas Instruments TPS92010D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS92010
SLUSA14 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 15 V, 0.1-
μF capacitor from VDD to GND, 3.3-nF capacitor from SS to GND charged over 3.5 V, 500-Ω resistor from
VSD to -0.1 V, FB = 4.8 V, LPM = not connected, 1-nF capacitor from GD to GND, PCS = GND, TA = –40°C to 105°C,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER LIMIT (PL)(2)
IPL(Pcs)
PCS current
IVSD = -300 μA
–165
–150
–135
μA
PCS working range
QR mode, peak PCS voltage
0.70
0.81
0.92
V
VPL
PL threshold
Peak CS voltage + PCS offset
1.05
1.20
1.37
SOFT START (SS)
ISS(chg)
Softstart charge current
VSS = GND
–8.3
–6.0
–4.5
μA
ISS(dis)
Softstart discharge current
VSS = 0.5 V
2.0
5.0
10
mA
VSS
Switching ON threshold
Output switching start
0.8
1.0
1.2
V
VALLEY SWITCHING DETECT (VSD)
IVSD(line)
Valley switching detect
IVSD threshold, GD = HI
–512
–450
–370
μA
VFB = 4.8 V, VSS = 5.0 V,
VVSD(on)
VSD voltage at OUT = HIGH
–125
–25
mV
IVSD(on), = –300 μA
VVSD(load)
Load overvoltage protection
VVSD threshold, GD = LO
3.37
3.75
4.13
V
THERMAL PROTECTION (TSP)(3)
Thermal shutdown (TSP) temperature
140
°C
Thermal shutdown hysteresis
15
GATE DRIVE
tRISE
Rise time
10% to 90% of 13 V typical out clamp
50
75
ns
tFALL
Fall time
10
20
(2)
RPCST and CPCST are not connected in the circuit for maximum and minimum duty cycle tests, current sense tests and power limit tests.
(3)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS92010


Numéro de pièce similaire - TPS92010D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001D TI-TPS92001D Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGK TI-TPS92001DGK Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DGKR TI-TPS92001DGKR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
TPS92001DR TI-TPS92001DR Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
More results

Description similaire - TPS92010D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
STMicroelectronics
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
   Offline controller for LED lighting with constant voltage primarysensing and high power factor
May 2016 Rev 2
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
logo
Wurth Elektronik GmbH &...
750811116 WURTH-750811116 Datasheet
330Kb / 1P
   Surface Mount Offline Transformer for LED Lighting
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com