Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8029 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA8029
Description  Low power single card reader
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8029 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 3Page - NXP Semiconductors TDA8029 Datasheet HTML 4Page - NXP Semiconductors TDA8029 Datasheet HTML 5Page - NXP Semiconductors TDA8029 Datasheet HTML 6Page - NXP Semiconductors TDA8029 Datasheet HTML 7Page - NXP Semiconductors TDA8029 Datasheet HTML 8Page - NXP Semiconductors TDA8029 Datasheet HTML 9Page - NXP Semiconductors TDA8029 Datasheet HTML 10Page - NXP Semiconductors TDA8029 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
9397 750 14145
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 22 February 2005
7 of 59
Philips Semiconductors
TDA8029
Low power single card reader
The external interrupt INT0_N is used by the ISO UART, by the analog drivers and the
ETU counters. It must be left open in the application.
The second external interrupt INT1_N is available for the application.
A general description as well as added features are described in this chapter.
The added features to the 80C51 controller are similar to the 8XC51FB controller, except
on the wake-up from Power-down mode, which is possible by a falling edge on INT0_N
(Internally driven signalling card reader problems, see details in Section 8.10.1.2), on
INT1_N or on RX due to the addition of an extra delay counter and enable configuration
bits within register UCR2 (see detailed description in Section 8.10.3.2). For any further
information please refer to the published specification of the 8XC51FB in
“Data Handbook
IC20; 80C51-Based 8-bit Microcontrollers”.
The controller has four 8-bit I/O ports, three 16-bit timer/event counters, a multi-source,
four-priority-level, nested interrupt structure, an enhanced UART and on-chip oscillator
and timing circuits. For systems that require extra memory capability up to 64 kB, it can be
expanded using standard TTL-compatible memories and logic.
Additional features of the controller are:
80C51 central processing unit
Full static operation
Security bits: ROM - 2 bits
Encryption array of 64 bits
4-level priority structure
6 interrupt sources
Full-duplex enhanced UART with framing error detection and automatic address
recognition
Power control modes; clock can be stopped and resumed, Idle mode and Power-down
mode
Wake-up from power-down by falling edge on INT0_N, INT1_N and RX with an
embedded delay counter
Programmable clock out
Second DPTR register
Asynchronous port reset
Low EMI by inhibit ALE.
Table 4 gives a list of main features to get a better understanding of the differences
between a standard 80C51, an 8XC51FB and the embedded controller in the TDA8029.
Table 4:
Principal blocks in 80C51, 8XC51FB and TDA8029
Feature
80C51
8XC51FB
TDA8029
ROM
4 kB
16 kB
16 kB
RAM
128 byte
256 byte
256 byte
ERAM (MOVX)
no
256 byte
512 byte
PCA
no
yes
no


Numéro de pièce similaire - TDA8029

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C1 PHILIPS-TDA8029C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029C2 PHILIPS-TDA8029C2 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL PHILIPS-TDA8029HL Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
TDA8029HL/C1 PHILIPS-TDA8029HL/C1 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Description similaire - TDA8029

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8029 PHILIPS-TDA8029 Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com