Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2616 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA2616 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors TDA2616 Datasheet HTML 10Page - NXP Semiconductors TDA2616 Datasheet HTML 11Page - NXP Semiconductors TDA2616 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
July 1994
11
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
UNIT
A
A
e 1
2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
5.08
12.2
11.8
2.54
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
0.8
3.4
3.1
4.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
12.4
11.0
SOT157-2
0
5
10 mm
scale
v
2.1
1.8
Q
j
0.25
w
0.03
x
D
L
E
A
c
A2
L 3
Q
w M
b p
1
d
D
Z
e
e
x
h
19
j
Eh
non-concave
92-10-12
95-03-11
DBS9P: plastic DIL-bent-SIL power package; 9 leads (lead length 12 mm)
SOT157-2
B
view B: mounting base side
m
2
e
v M


Numéro de pièce similaire - TDA2616

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA2616 PHILIPS-TDA2616 Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA2616Q PHILIPS-TDA2616Q Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results

Description similaire - TDA2616

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 PHILIPS-TDA2616 Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com