Moteur de recherche de fiches techniques de composants électroniques |
|
1N6269C Fiches technique(PDF) 1 Page - Transys Electronics |
|
1N6269C Fiches technique(HTML) 1 Page - Transys Electronics |
1 / 5 page 1.5KE SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 1500 Watt Peak Power 5.0 Watt Steady State FEATURES l Plastic package has Underwriters Laboratory Flammability Classification 94V-O l Glass passivated chip junction in Molded Plastic package l 1500W surge capability at 1ms l Excellent clamping capability l Low zener impedance l Fast response time: typically less than 1.0 ps from 0 volts to BV min l Typical IR less than 1 A above 10V l High temperature soldering guaranteed: 260 /10 seconds/.375”,(9.5mm) lead length/5lbs., (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-201AE molded plastic Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.045 ounce, 1.2 grams DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE440. Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Power Dissipation at TA=25 , TP=1ms(Note 1) PPK Minimum 1500 Watts Steady State Power Dissipation at TL=75 Lead Lengths .375”,(9.5mm) (Note 2) PD 5.0 Watts Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) IFSM 200 Amps Operating and Storage Temperature Range TJ,TSTG -65 to+175 DO-201AE |
Numéro de pièce similaire - 1N6269C |
|
Description similaire - 1N6269C |