Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE301C46TO+ Fiches technique(PDF) 1 Page - ACE Technology Co., LTD.

No de pièce ACE301C46TO+
Description  High-precision Low Voltage Detector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C46TO+ Fiches technique(HTML) 1 Page - ACE Technology Co., LTD.

  ACE301C46TO+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C46TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
 
                                                                                                                      
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
1
 
Description
ACE301 is a series of high precision voltage detector with ultra low current consumption (500nA typ. at
Vdd=3.0V). It can work at very low voltage, which makes it perfect for system reset.
ACE301 is composed of high precision voltage reference, comparator, output driver and resistor array.
Internally preset detect voltage has a low temperature drift and requires no external trimming.
Two type of output, CMOS and N-channel open-drain are available.
ACE301 is available in SOT-89-3, SOT-23-3 TO-92, SOT23-5, packages which is Pb free.
Features
High-precision detection Voltage: ±2%
Detection Voltage:0.9V~6.0V (in 0.1V steps)
Precise hysteresis:4% typ.
Operating Voltage range:0.7V~10V
Ultra-low current consumption:500nA typ. (at V
DD
3.0V)
Two Output forms: CMOS and N-channel open-drain
Application
Power monitor for portable equipment such as PDA, DSC, Mobile phone, Notebook, MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
-0.3~12
V
Output Voltage
-0.3~12
V
Maximum Output current
70
mA
Maximum power dissipation
150
mW
Ambient temperature
-40~+70
Storage temperature
-40~125


Numéro de pièce similaire - ACE301C46TO+

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE301C09AM+H ACE-ACE301C09AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BM+H ACE-ACE301C09BM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BN+H ACE-ACE301C09BN+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09EP+H ACE-ACE301C09EP+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C60AM+H ACE-ACE301C60AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
More results

Description similaire - ACE301C46TO+

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com