Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE809RBM+H Fiches technique(PDF) 2 Page - ACE Technology Co., LTD.

No de pièce ACE809RBM+H
Description  3-Pin Microprocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809RBM+H Fiches technique(HTML) 2 Page - ACE Technology Co., LTD.

  ACE809RBM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809RBM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809RBM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809RBM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809RBM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE809RBM+H Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
                                                                                                                      
ACE809
                        Technology
3-Pin Microprocessor Reset Circuits
VER 1.2
2
Packaging Type
SOT-23-3
3
1
2
Ordering information
Selection Guide
ACE809 X XX + H
Power Dissipation Table
Package
θ
JA
(
OC /W )
Df(mW/℃)
TA≧25℃
TA≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
BM
230
3.5
543
348
283
Note:1.Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
Thermal shutdown.
2.TJ: Junction Temperature Calculation TJ = TA + ( PD x θJA )
The θJA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above assume no
Ambient airflow.
3.θJA : Thermal Resistance-Junction to Ambient, DF: Derating factor, Po: Power consumption
Pin No
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while Vcc is below the reset voltage threshold and for
240msec(typ.) after Vcc rises above reset threshold
3
Vcc
Supply Voltage (typ.)
BM: SOT-23-3
Vout Volts :
L : 4.63V
M : 4.38V
J : 4.00V
T : 3.08V
S : 2.93V
R : 2.63V 
Pb - free
Halogen - free


Numéro de pièce similaire - ACE809RBM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE809RBM+H ACE-ACE809RBM+H Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
More results

Description similaire - ACE809RBM+H

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com