Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70L Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
BAS70L Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 20 page BAS70_1PS7XSB70_SER_9 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 09 — 13 January 2010 8 of 20 NXP Semiconductors BAS70 series; 1PS7xSB70 series General-purpose Schottky diodes 8. Package outline Fig 5. Package outline SOD323 (SC-76) Fig 6. Package outline SOD523 (SC-79) Fig 7. Package outline SOT23 (TO-236AB) Fig 8. Package outline SOD123F Fig 9. Package outline SOD882 Fig 10. Package outline SOT323 (SC-70) 03-12-17 Dimensions in mm 0.25 0.10 0.45 0.15 2.7 2.3 1.8 1.6 0.40 0.25 1.1 0.8 1.35 1.15 1 2 02-12-13 Dimensions in mm 1.65 1.55 1.25 1.15 0.17 0.11 0.34 0.26 0.65 0.58 0.85 0.75 1 2 04-11-04 Dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 04-11-29 Dimensions in mm 1.2 1.0 0.25 0.10 3.6 3.4 2.7 2.5 0.55 0.35 0.70 0.55 1.7 1.5 1 2 03-04-17 Dimensions in mm 0.55 0.47 0.65 0.62 0.55 0.50 0.46 cathode marking on top side 1.02 0.95 0.30 0.22 0.30 0.22 2 1 04-11-04 Dimensions in mm 0.45 0.15 1.1 0.8 2.2 1.8 2.2 2.0 1.35 1.15 1.3 0.4 0.3 0.25 0.10 12 3 |
Numéro de pièce similaire - BAS70L |
|
Description similaire - BAS70L |