Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE1506ADJFM+H Fiches technique(PDF) 3 Page - ACE Technology Co., LTD.

No de pièce ACE1506ADJFM+H
Description  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1506ADJFM+H Fiches technique(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1506ADJFM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
3
Pin Description
No.
ACE1501
Pin Name
Function
No.
ACE1502
Pin Name
Function
1
N.C.
NC
1
VIN
Supply Voltage
2
VIN
Supply Voltage
2
VOUT
Switch Pin. Connect inductor/diode
3
VOUT
Switch Pin.
Connect inductor/diode
h
3
FB
Feedback Pin.
4
FB
Feedback Pin.
4
SHDN
Shutdown Control Input.
Active-Low into shutdown mode
5
GND
Ground Pin
5
GND
Ground Pin
6
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
8
GND
Ground Pin
Block Diagram


Numéro de pièce similaire - ACE1506ADJFM+H

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Description similaire - ACE1506ADJFM+H

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com