Moteur de recherche de fiches techniques de composants électroniques |
|
DL-5328S-VFA Fiches technique(PDF) 3 Page - Optoway Technology Inc |
|
DL-5328S-VFA Fiches technique(HTML) 3 Page - Optoway Technology Inc |
3 / 4 page Optoway DL-5300 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 4/15/2009 V3.0 ORDER INFORMATION Part No.: D L − 5 3 □ □ □ − □ □ □ □ Code Pout (mW) Code Flange Code Isolator 0 0.2 V Vertical Blank No 1 0.5 H Horizontal S Single-Stage X No Flange Code Connector Code Speed S SC/PC Code Pin Assignment Blank 1.25 Gbps F FC/PC 0 Type A S 2.5 Gbps T ST/PC 5 Type B L LC/PC 8 Type C X No connector SA SC/APC FA FC/APC TA ST/APC LA LC/APC Part No.: D L − 5 3 □ □ □ − □ □ □ S Code Pout (mW) Code Flange Code Isolator 2 1 V Vertical S Single-Stage 3 2 H Horizontal 4 3 X No Flange Code Connector Code Speed S SC/PC Code Pin Assignment Blank 1.25 Gbps F FC/PC 0 Type A S 2.5 Gbps T ST/PC 5 Type B L LC/PC 8 Type C X No connector SA SC/APC FA FC/APC TA ST/APC LA LC/APC |
Numéro de pièce similaire - DL-5328S-VFA |
|
Description similaire - DL-5328S-VFA |