Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10057R0ML Fiches technique(PDF) 8 Page - ABC Taiwan Electronics Corp

No de pièce SS10057R0ML
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABC [ABC Taiwan Electronics Corp]
Site Internet  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS10057R0ML Fiches technique(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS10057R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS10057R0ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHIELDED SMD
AR-001A
NAME
PROD.
REF :
3.0
94V-0
2204
5
0
4
1
240
200
130
130
130
130
130
130
130
130
130
220
220
220
NC , BK
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
E4010
3.0
94V-0
3.0
0.30
1.5
0.75
94V-0
94V-0
94V-0
94V-0
3.0
0.75
1.5
0.30
0.75
1.5
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
___
2
3
1
___
3
1
2
___
1
0
0
130
130
130
130
130
130
130
130
130
130
200
130
130
130
200
180
130
240
130
130
130
240
220
130
4
5
0
4
0
4
___
4
4
___
___
___
4
5
___
___
___
___
___
___
0
4
___
4
4
___
___
___
___
4
4
___
___
___
4
5
___
___
___
___
___
___
___
___
___
___
___
___
SS1005□□□□L□-□□□
220
220
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
ABC'S DWG NO.
ABC'S ITEM NO.
Elec
130
130
130
130
NC , BK
E4008 , E400X
E4008
NC , WT , BK
Mtl Dsg
Col
3.0
0.75
1.5
0.30
0.75
1.5
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
Min
Thk
Class
UL94
Flame
POWER INDUCTOR
___
2
3
1
___
H
W
2
3
130
130
180
200
130
130
130
130
130
240
220
130
130
130
Mech
RTI
Imp
with
Imp
w/o
0
4
___
4
4
___
___
___
___
4
4
___
___
___
4
5
___
___
___
___
___
___
___
___
___
___
___
___
E54705 (M)
H
H
A
I
IR
V
T
D
5
4
9
I
C
T
SPECIFICATION FOR APPROVAL
PAGE: 8
20091110-B


Numéro de pièce similaire - SS10057R0ML

FabricantNo de pièceFiches techniqueDescription
logo
SAMYANG ELECTRONICS CO....
SS1005FL SAMYANG-SS1005FL Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Description similaire - SS10057R0ML

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com