Moteur de recherche de fiches techniques de composants électroniques |
|
DL-5345AR-C490-XTAS Fiches technique(PDF) 3 Page - Optoway Technology Inc |
|
DL-5345AR-C490-XTAS Fiches technique(HTML) 3 Page - Optoway Technology Inc |
3 / 4 page Optoway DL-53X8AR-CXX0 **************************************************************************************************************************************************************** **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 6/1/2008 V1.0 ORDER INFORMATION Part No.: D L − 5 3 □ □ A R − C □ □ 0 − □ □ □ S Code Pout (mW) Code Isolator 3 2 S Single-Stage 4 3 5 4 Code Wavelength 47 1470 nm 49 1490 nm Code Connector 51 1510 nm S SC/PC 53 1530 nm F FC/PC 55 1550 nm T ST/PC 57 1570 nm L LC/PC 59 1590 nm X No connector Code Pin Assignment 61 1610 nm SA SC/APC 5 Type B FA FC/APC 8 Type C TA ST/APC LA LC/APC Code Flange V Vertical H Horizontal X No Flange Note: Specifications subject to change without notice. |
Numéro de pièce similaire - DL-5345AR-C490-XTAS |
|
Description similaire - DL-5345AR-C490-XTAS |