Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBU8A Fiches technique(PDF) 1 Page - Transys Electronics

No de pièce GBU8A
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRSYS [Transys Electronics]
Site Internet  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

GBU8A Fiches technique(HTML) 1 Page - Transys Electronics

  GBU8A Datasheet HTML 1Page - Transys Electronics GBU8A Datasheet HTML 2Page - Transys Electronics GBU8A Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBU8A THRU GBU8K
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Ideal for printed circuit board
l
Reliable low cost construction utilizing molded
plastic technique
l
Surge overload rating: 200 Amperes peak
l
High temperature soldering guaranteed:
260 /10 seconds/.375”(9.5mm) lead length
at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Leads solderable per MIL-STD-202,
Method 208
Mounting position: Any
Mounting torque: 5 in. lb. Max.
Weight: 0.15 ounce, 4.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
GBU8A
GBU8B
GBU8D
GBU8G
GBU8J
GBU8K UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
VRRM
Maximum RMS Input Voltage
35
70
140
280
420
560
VRMS
Maximum DC Blocking Voltage
50
100
200
400
600
800
VDC
Maximum Average Forward TC=100
Rectified Output Current at TA=45
8.0
6.0
A(AV)
A(AV)
I
2t Rating for fusing ( t<8.3ms)
166
A
2Sec
Peak Forward Surge Current single sine-
wave superimposed on rated load
(JEDEC method)
200
APK
Maximum Instantaneous Forward Voltage
Drop per element at 8.0A
1.0
VPK
Maximum Reverse Leakage at rated TA=25
Dc Blocking Voltage per element TC=100
5.0
500
A
A
Typical Thermal Resistance per leg (Note 2) R JA
Typical Thermal Resistance per leg (Note 3) R JL
18.0
3.0
/W
GBU


Numéro de pièce similaire - GBU8A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Diotec Semiconductor
GBU8A DIOTEC-GBU8A Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Shunye Enterprise
GBU8A SHUNYE-GBU8A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Semikron International
GBU8A SEMIKRON-GBU8A Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Description similaire - GBU8A

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com