Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL100515NJL Fiches technique(PDF) 4 Page - ABC Taiwan Electronics Corp

No de pièce SL100515NJL
Description  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABC [ABC Taiwan Electronics Corp]
Site Internet  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL100515NJL Fiches technique(HTML) 4 Page - ABC Taiwan Electronics Corp

  SL100515NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL100515NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL100515NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL100515NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL100515NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL100515NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ⅶ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
WOUND CHIP INDUCTOR
no component
200 m/m min.
( 2 ) Dimensions
Style
07 - 08
Series
SL1005
( 3 ) Q'TY & G.W. Per package
AR-001A
End
PROD.
NAME
REF :
Unit:m/m
12.5
User direcon of feed
Inner : Reel
G.W. (gw)
10,000
Q'TY (pcs)
100
07 - 08
Style
21±0.8
178
AB
13
C
Outer : Carton
500,000
Q'TY (pcs)
5.50
G.W. (Kg)
Size (cm)
41 x39 x 22
8
D
+0
10
G
-0
50
NT
SL1005□□□□L□-□□□
Cover Tape
no component
400 m/m min.
G
4 m/m
Components
P:4 m/m
Leder
C
Trailer
Embossed Carrier
Carrier tape width : D
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
T
2.0±0.5
Start
D
PAGE: 4


Numéro de pièce similaire - SL100515NJL

FabricantNo de pièceFiches techniqueDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
   Wall mount / Ceiling mount
logo
Rectron Semiconductor
SL100 RECTRON-SL100 Datasheet
278Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Electronic devices inc.
SL1000 EDI-SL1000 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Faraday Technology
SL1000A FARADAY-SL1000A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL1000J FARADAY-SL1000J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
More results

Description similaire - SL100515NJL

FabricantNo de pièceFiches techniqueDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com