Moteur de recherche de fiches techniques de composants électroniques |
|
TS6121UX Fiches technique(PDF) 1 Page - Bothhand USA, LP. |
|
TS6121UX Fiches technique(HTML) 1 Page - Bothhand USA, LP. |
|
1 / 1 page P/N: TS6121UX DATA SHEET Feature ! Designed to meet IEEE 802.3u requirement, including 350uH OCL with 8mA bias. ! Operating temperature range: 0 °C to +70°C. ! Storage temperature range: -25 °C to +125°C. Electrical Specifications @ 25°C Turns Ratio (±3%) Cross talk (dB Min) Part Number TX RX OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 0.3-60MHz 60-100MHz HI-POT (Vrms) TS6121UX 1CT:1CT 1CT:1CT 350 -45 -35 1500 Continue Insertion Loss (dB Max) Return Loss (dB Min) DCMR (dB Min) Part Number 0.3-100MHz 1-30MHz 30-60MHz 60-80MHz 30MHz 60MHz 100MHz TS6121UX -1.0 -18 -14.5 -12 -40 -35 -30 Schematic Mechanical Bothhandusa.com 10/100 BASE-T ETHERNET ISOLATION TRANSFORMER 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 |
Numéro de pièce similaire - TS6121UX |
|
Description similaire - TS6121UX |