Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA0603C0G104B6R3NRE Fiches technique(PDF) 7 Page - SAMWHA ELECTRIC

No de pièce SA0603C0G104B6R3NRE
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA0603C0G104B6R3NRE Fiches technique(HTML) 7 Page - SAMWHA ELECTRIC

Back Button SA0603C0G104B6R3NRE Datasheet HTML 3Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 4Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 5Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 6Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 7Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 8Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 9Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 10Page - SAMWHA ELECTRIC SA0603C0G104B6R3NRE Datasheet HTML 11Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Multi Layer Ceramic Capacitors
17
SMD Type-High Voltage
SAMWHA CAPACITOR Co., Ltd.
16
COG-Temperature Compensation Type
Appendix High Voltage Type(100V~3000V)
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
4.7㎊(4R7)
5㎊(050)
7㎊(070)
8㎊(080)
9㎊(090)
10㎊(100)
12㎊(120)
15㎊(150)
18㎊(180)
22㎊(220)
47㎊(470)
56㎊(560)
68㎊(680)
82㎊(820)
100㎊(101)
220㎊(221)
330㎊(331)
470㎊(471)
560㎊(561)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
2700㎊(272)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
22000㎊(223)
33000㎊(333)
Volt(V)
High voltage type
C0G
X7R-High Dielectric Type
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
220㎊(221)
330㎊(331)
470㎊(471)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
18000㎊(183)
22000㎊(223)
33000㎊(333)
47000㎊(473)
68000㎊(683)
0.1㎌(104)
0.15㎌(154)
0.22㎌(224)
0.33㎌(334)
0.47㎌(474)
0.68㎌(684)
1.0㎌(105)
2.2㎌(225)
Volt(V)
High voltage type
X7R


Numéro de pièce similaire - SA0603C0G104B6R3NRE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

Description similaire - SA0603C0G104B6R3NRE

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com