Moteur de recherche de fiches techniques de composants électroniques |
|
CS1005C0G104C6R3NBE Fiches technique(PDF) 5 Page - SAMWHA ELECTRIC |
|
CS1005C0G104C6R3NBE Fiches technique(HTML) 5 Page - SAMWHA ELECTRIC |
5 / 14 page Multi Layer Ceramic Capacitors 13 SAMWHA CAPACITOR Co., Ltd. 12 SMD Type-High Voltage Y5V-High Dielectric Constant Type(0603~3225) & Thin Layer Large-Capacitance Type Y5V 1005(0402) 1608(0603) 2012(0805) 3216(1206) 3225(1210) 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 General Type : Dissipation Factor Page 22 (No.5) General Type : Dissipation Factor Page 22 (No.5) Thin Layer Large-Capacitance Type : Dissipation Factor Page 22 (No.5) Type Size(inch) Cap. 1000㎊(102) 2200㎊(222) 4700㎊(472) 10000㎊(103) 15000㎊(153) 22000㎊(223) 33000㎊(333) 47000㎊(473) 68000㎊(683) 0.1㎌(104) 0.15㎌(154) 0.22㎌(224) 0.33㎌(334) 0.47㎌(474) 0.68㎌(684) 1.0㎌(105) 1.5㎌(155) 2.2㎌(225) 3.3㎌(335) 4.7㎌(475) 6.8㎌(685) 10㎌(106) 22㎌(226) 47㎌(476) 100㎌(107) Volt(V) Size(mm) 1608 2012 3216 3225 4520 4532 Product Offering SAMWHA high voltage MLCC products with COG(NPO) and X7R temperature characteristic are designed for commercial and industrial applications. The products are power supply and voltage multiplier circuits applications in various sizes with working voltages up to DC 3.0 KV . These high voltage capacitors feature a special internal electrode design which reduces voltage concentrations by distributing voltage gradients throughout the entire capacitor. This unique design also affords that capacitance value is increased in a given case size and voltage rating. Features High reliability High voltage ratings Wide voltage level : from 100V to 3000V Surface mount suited for Wave and Reflow Soldering Tape & reel surface mount assembly Suitable for Back-Lighting Inverter, DC-DC Converters, Ballast, Modems & Power Supply, LAN/WLAN interface... etc. SMD Type-High Voltage CS 4520 COG 150 J 302 N R E How to Order(Product Identification) Type CS : SMD Size Code Dielectric (Temp. Coefficient) COG, X7R Capacitance 1st two digits are value, 3rd digit denotes number of zeros; 331 = 330pF, 104 = 100000pF, 8R2C = 8.2pF |
Numéro de pièce similaire - CS1005C0G104C6R3NBE |
|
Description similaire - CS1005C0G104C6R3NBE |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |