Moteur de recherche de fiches techniques de composants électroniques |
|
DL-3358AW-VSS Fiches technique(PDF) 1 Page - Optoway Technology Inc |
|
DL-3358AW-VSS Fiches technique(HTML) 1 Page - Optoway Technology Inc |
1 / 4 page Optoway DL-33X8AW **************************************************************************************************************************************************************** **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 6/1/2008 V1.0 DL-33X8AW Series Uncooled 1310 nm MQW-DFB LD for Wide-Band CDMA application **************************************************************************************************************************************************************** DESCRIPTION DL-33X8AW series are designed for coupling a single mode optical fiber with 1310 nm MQW-DFB uncooled laser diode. DL-33X8AW series are the best kits as light source for analog application, such as optical repeater for mobile wide-band CDMA (W-CDMA) communication. FEATURES l 1310 nm Uncooled DFB Laser Diode with MOW Structure l High Reliability, Long Operation Life l Single Frequency Operation with High SMSR l -20 to 85℃ operation without active cooling l Built-in InGaAs monitor photodiode l Low Inter-modulation Distortion l Built-in isolator CHARACTERISTICS ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW, Room temperature CW, Over temperature 10 15 45 mA mA Iop Operation Current CW, Room temperature CW, Over temperature 45 100 mA mA Vop Operating Voltage CW, IF=Iop 1.2 1.5 V Pf Optical Output Power Part No.:DL-3338AW DL-3348AW DL-3358AW CW, IF=Iop 2.0 3.0 4.0 mW mW mW λc Central Wavelength CW, IF=Iop 1290 1310 1330 nm SMSR Side Mode Suppression Ratio CW, IF=Iop 30 35 nm ΔPf/ Pf Tracking Error APC, -20~85 ℃ -1 1 dB Im PD monitor Current CW, IF=Iop, VRD=1V 100 1500 µA ID PD Dark Current VRD=5V 0.1 µA Ct PD Capacitance VRD=5V, f=1 MHz 10 15 pF IMD3 Third-Order Intermodulation (*1) -56 dBc RIN Relative Intensity Noise f=80~2200 MHz -145 dB/Hz Iso Optical Isolation λ=1310 nm 30 dB Note: *1 2-tone (1770 MHz and 1772.5 MHz), OMI=0.2 for each RF Channel. |
Numéro de pièce similaire - DL-3358AW-VSS |
|
Description similaire - DL-3358AW-VSS |