Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1005C0G104D6R3NBB Fiches technique(PDF) 8 Page - SAMWHA ELECTRIC

No de pièce CS1005C0G104D6R3NBB
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS1005C0G104D6R3NBB Fiches technique(HTML) 8 Page - SAMWHA ELECTRIC

Back Button CS1005C0G104D6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 10Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 11Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 12Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Multi Layer Ceramic Capacitors
19
SMD Type-High Voltage
SAMWHA CAPACITOR Co., Ltd.
18
Application(Typical circuit)
DC-DC Converter
Primary circuit and Snubber switching power supply
LCD back light Inverter
Switching Power Supply
C2 : X7R ; 250V 10nF~47nF
C3 : COG ; 630V 47pF~100pF
C3 : COG, X7R ; 2kV 100pF~1000pF
C4 : COG, X7R ; 2kV 100pF~1000pF
C1, C2 : COG or X7R 1000pF~4700pF
C4
: COG ; 2kV 100pF~330pF
C5
: COG ; 1kV/2kV 100pF~470pF
C2 : COG ; 3kV 10 ~100pF
Caution(Rating)
1. Operating Voltage
When DC-rated capacitors are to be used in AC or ripple current circuits, be sure to maintain the Vp-p Value of the
applied voltage or the Vo-p which contains DC bias within the rated voltage range.
When the voltage is applied to the circuit, starting or stopping may generate irregular voltage for a transit period
because of resonance or switching. Be sure to use a capacitor with a rated voltage range that includes these
irregular voltages.
2. Test condition for AC withstanding Voltage
(1) Test Equipment
Tests for AC withstanding voltage should be made with equipment capable of creating a wave similar to a 50/60
Hz sine wave. If the distorted sine wave or overload exceeding the specified voltage value is applied, a defect
may be caused.
(2) Voltage applied method
The capacitor's leads or terminals should be firmly connected to the output of the withstanding voltage test
equipment, and then the voltage should be raised from near zero to the test voltage. If the test voltage is applied
directly to the capacitor without raising it from near zero,it should be applied with the
*zero cross. At the end of the test time, the test voltage should be reduced to near
zero, and then the capacitor's leads or terminals should be taken off the output of the
withstanding voltage test equipment. If the test voltage is applied directly to the
capacitor without raising it from near zero, surge voltage may occur and cause a
defect.
*ZERO CROSS is the point where voltage sine wave
(3) Dielectric strength testing method
In case of dielectric strength test, the capacitor’s is applied between the terminations for 1 to 5 sec., provided the
charge/discharge current is less than 50mA.
3. Soldering
If a chip component is heated or cooled abruptly during soldering, it may crack due to the thermal shock. To
prevent this, follow our recommendations below for adequate soldering conditions. Carefully perform preheating
so that temperature difference (ΔT) between the
solder and component surface is in the following
range. The smaller the temperatures difference (Δ
T) between the solder and component surface is,
the smaller the influence on the chip is.
Voltage
Positional
Measurement
DV Voltage
DC+AC Voltage
AC Voltage
Pulse Voltage(1)
Pulse Voltage(2)
Chip Size
3.2×1.6mm
3.2×2.5mm
Slodering Method
and under
and over
Reflow Method or
ΔT
190℃ΔT
130℃
Soldering Lron Method


Numéro de pièce similaire - CS1005C0G104D6R3NBB

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
More results

Description similaire - CS1005C0G104D6R3NBB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com