Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1005C0G104D6R3NBB Fiches technique(PDF) 6 Page - SAMWHA ELECTRIC

No de pièce CS1005C0G104D6R3NBB
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS1005C0G104D6R3NBB Fiches technique(HTML) 6 Page - SAMWHA ELECTRIC

Back Button CS1005C0G104D6R3NBB Datasheet HTML 2Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 3Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC CS1005C0G104D6R3NBB Datasheet HTML 10Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Multi Layer Ceramic Capacitors
15
SAMWHA CAPACITOR Co., Ltd.
14
SMD Type-High Voltage
Tolerance
Code
Tolerance
Code
Tolerance
B
±0.1pF
C
±0.25pF
D
±0.50pF
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80~-20%
Thickness Option
Rated Voltage Code
1st two digits are value, 3rd digit denotes number of zeros; 302 = 3000V, 251 = 250V
Plating
Packing
Ni / Sn Plated
B : Bulk Pack
R : Reel Pack
Code
Thickness(mm)
Dimensions
Code
Thickness(mm)
Dimensions
L
Tol(±)
W
Tol(±)
Blank
0.30
0.03
E
1.30
0.20
Blank
0.50
0.05
H
1.35
0.20
A
0.60
0.10
I
1.60
0.20
B
0.80
0.10
J
1.80
0.20
B
0.85
0.15
K
2.00
0.25
E
1.00
0.15
L
2.50
0.25
E
1.10
0.15
M
2.80
0.30
E
1.15
0.15
N
3.20
0.30
E
1.25
0.15
O
5.00
0.40
(Unit : mm)
Dielectric Characteristics
Dielectric Classification
Ultra Stable
Stable
Rated temperature range
-55℃ to +125℃-55℃ to +125℃
TCC(Temperature Characteristics Coefficient)
0±30ppm
±15%
Dissifation Factor(tan δ)C≥30pF : Q≥1,000 (DF:≤ 0.1%)
2.5% Max.
C<30pF : Q≥400+20C(DF: ≤1/(400+20C))
IR(Insulation Resistance)
500V Below : Rated voltage 60sec
500V Below:Rated voltage 60sec
500V Above : 500V 60sec
500V Above:500V 60sec
More than 10,000 ㏁
-DC100V~1KV
:C≥0.01㎌:More than 100㏁㎌
:C<0.01㎌:More than 10,000㏁
-DC2~3KV:More than6,000 ㏁
Capacitance Tolerance
<10pF : ±0.25pF, ±0.5pF
±10%, ±20%
≥10pF : ±5%, ±0%
Dielectric strength
630V:150% Rated Voltage
100V:150% Rated Voltage
1kV~3.15kV:120% Rated Voltage
630V:150% Rated Voltage
1kV~3.15kV: 120% Rated Voltage
Aging characteristics
0%
2.5% per decade hr, typical
Typical Performance Characteristics
COG(NPO)
X7R
Dimensions
Code
Length
Width
L
Tol(±)
W
Tol(±)
T1(min)
1608(0603)
1.60
0.15
0.80
0.10
0.10
2012(0805)
2.00
0.20
1.25
0.15
0.10
3216(1206)
3.20
0.30
1.60
0.20
0.15
3225(1210)
3.20
0.40
2.50
0.25
0.15
4520(1808)
4.50
0.40
2.00
0.25
0.20
4532(1812)
4.50
0.40
3.20
0.30
0.20
5750(2300)
5.70
0.50
5.00
0.40
0.30
(Unit : mm)
Shape & Dimensions
*1608 Size ≥ 10㎌⇒ W : 0.8±0.15, T : 0.8±0.15


Numéro de pièce similaire - CS1005C0G104D6R3NBB

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
More results

Description similaire - CS1005C0G104D6R3NBB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com