Moteur de recherche de fiches techniques de composants électroniques |
|
CS1005C0G104D6R3NRA Fiches technique(PDF) 10 Page - SAMWHA ELECTRIC |
|
CS1005C0G104D6R3NRA Fiches technique(HTML) 10 Page - SAMWHA ELECTRIC |
10 / 14 page Multi Layer Ceramic Capacitors 23 SMD Type SAMWHA CAPACITOR Co., Ltd. 22 30㎊ Min. : Q≥1,000 (DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions 8 Temperature Appearance No marking defects Cycle Capacitance Within ±2.5% or ±0.25㎊ X7R, X5R : Within ±7.5% Change (whichever is larger) Y5V : Within ±20% Dissipation Factor (or Q) I.R. More than 10,000 MΩor 500Ω.F(Whichever is smaller) 9 Humidity Appearance No marking defects Load Capacitance Within ±7.5% or ±0.75㎊ X7R, X5R : Within ±12.5% Change (whichever is larger) Y5V : Within +30%, -40% (Y5V/1.0㎌, 2.2㎌, 4.7㎌/10V) Within ±30% (others) I.R. More than 500 MΩor 25Ω.F(Whichever is smaller) 10 Appearance No marking defects Capacitance Within ±3% or ±0.3㎊ X7R, X5R : Within ±12.5% Change (whichever is larger) Y5V : Within ±30%(Cap. < 1.0㎌) Within +30%, -40% (Cap. ≥ 1.0㎌) Dissipation Factor (or Q) I.R. More than 10,000 MΩ or 50Ω.F(Whichever & Smaller) 30㎊ Min. : Q≥200 (DF≤0.5%) 30㎊ Max. : Q≥100 +10/3C (DF≤1/(100+10/3C)) 30㎊ Min. : Q≥350 (DF≤0.3%) 10㎊≤Cp ≤30㎊: Q≥275 +5/2C (DF≤1/(275+5/2C)) 10㎊ Max. : Q≥200+10C (DF≤1/(200+10C)) High Temperature Load Char. 50V Min. 25V 16V 10V 6.3V X7R ≤5%/ ≤5%/ ≤5%/ ≤7.5%/ ≤7.5%/ X5R ≤7.5% ≤10% ≤10% ≤12.5% ≤12.5% Y5V ≤7.5%/ ≤10%/ ≤12.5% ≤15%/ ≤20% ≤12.5% ≤12.5% ≤15% ≤20% Char. 50V Min. 25V 16V 10V 6.3V X7R ≤5%/ ≤5%/ ≤5%/ ≤7.5%/ ≤7.5%/ X5R ≤7.5% ≤10% ≤10% ≤12.5% ≤12.5% Y5V ≤7.5%/ ≤10%/ ≤12.5% ≤15%/ ≤20% ≤12.5% ≤12.5% ≤15% ≤20% Char. 50V Min. 25V 16V 10V 6.3V X7R ≤5%/ ≤5%/ ≤5%/ ≤7.5%/ ≤7.5%/ X5R ≤7.5% ≤10% ≤10% ≤12.5% ≤12.5% Y5V ≤7.5%/ ≤10%/ ≤12.5% ≤15%/ ≤20% ≤12.5% ≤12.5% ≤15% ≤20% - Temperature : 40±2℃ - Humidity : 90~95% - Hour : 500±12hrs - Test Voltage : The rated voltage - Take it out and set it for 24±2 hours (temperature compensating) or 48±4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA - Testing time : 1000±12hrs - Applied voltage : Rated voltage < DC250V : ×200% - Temperature : C0G, X7R → 125±3℃ X5R , Y5V → 85±3℃ - Measurement after test Take it out and set it for 24±2 hours(temperature compensating type)or 48±4 hours (high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA. Perform the five cycless according to the four heat treatments listed in the following table. Step 1 2 3 4 Min. Max. Temp. Operating Room Operating Room (℃) Temp. Temp. Temp. Temp. +0, -3 +3, -0 Time 30±3 2 to 3 30±3 2 to 3 (Min) - Initial measurement Perform a heat treatment at 150+0, -10℃ for one hour and then let sit for 48±4 hours at room temperature. - Measurement after test Take it out and set it for 24±2 hours (temperature compensating) or 48±4 hours(high dielectric constant type) at room temperature, then measure. No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions 11 Bending Strength Capacitance Within ±5% or ±0.5㎊ X7R, X5R : Within ±12.5% Change (whichever is larger) Y5V : Within ±30% 12 Appearance No defects or abnormalities Capacitance Whin the specified tolerance - Substrate Material : Glass EPOXY Board - Board Thickness : 1.6mm 0.8mm(0603/1005size) ※ Test Condition - Bending Limit : 1mm - Pressurizing Speed : 1mm/sec Shown in Fig. After soldering and then let sit for 24+4hr(temperature compensating type), 48±4hr (high dielectric constant type) at room temperature. The capacitor should be subjected to a simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55Hz, shall be traversed(from 10Hz to 55Hz then 10Hz again) in approximately 1 minute. This motion shall be applied for a period of 2 hours in each 3mutually perpendicular directions(total is 6hours). - Temperature : 40±2℃ - Humidity : 90~95% - Hour : 500±12hours - Measurement after test Take it out and set it for 24±2 hours (temperature compensating type) or 48±4 hours(high dielectric constant type) at room temperature, then measure. No cracking or marking defects shall occur Vibration Resistance Char. 50V Min. 25V 16V 10V 6.3V X7R ≤2.5%/ ≤3%/ ≤3.5%/ ≤5%/ ≤5%/ X5R ≤5% ≤7% ≤7% ≤10% ≤10% Y5V ≤5%/ ≤7%/ ≤9% ≤12.5%/ ≤15% ≤9% ≤9% ≤12.5% ≤15% Char. 50V Min. 25V 16V 10V 6.3V X7R ≤5%/ ≤5%/ ≤5%/ ≤7.5%/ ≤7.5%/ X5R ≤7.5% ≤10% ≤10% ≤12.5% ≤12.5% Y5V ≤7.5%/ ≤10%/ ≤12.5% ≤15%/ ≤20% ≤12.5% ≤12.5% ≤15% ≤20% 30㎊ Min. : Q 1,000 (DF 0.1%) 30㎊ Max. : Q 400+20C (DF 1/ (400+20C)) 30㎊ Min. : Q≥350 (DF≤0.3%) 10㎊≤Cp ≤30㎊: Q≥275 +5/2C (DF≤1/(275+5/2C)) 10㎊ Max. : Q≥200+10C (DF≤1/(200+10C)) 13 Humidity Steady State Appearance No marking defects Capacitance Within ±5% or ±0.5㎊ X7R, X5R : Within ±12.5% Change (whichever is larger) Y5V : Within ±30% Dissipation (or Q) I.R More than 1,000 MΩor 50Ω.F (Whichever is Smaller) Q/DF Dissipation Factor (or Q) |
Numéro de pièce similaire - CS1005C0G104D6R3NRA |
|
Description similaire - CS1005C0G104D6R3NRA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |