Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB1608GV121 Fiches technique(PDF) 6 Page - SAMWHA ELECTRIC

No de pièce CB1608GV121
Description  BEADS, For Signal Line
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608GV121 Fiches technique(HTML) 6 Page - SAMWHA ELECTRIC

Back Button CB1608GV121 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 9Page - SAMWHA ELECTRIC CB1608GV121 Datasheet HTML 10Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
900
0.08
30
CB1608GK300
500
0.35
300
CB1608GK301
200
0.40
300
CB1608GA301
100
150
1.50
2500
CB1608GK252
500
0.20
120
CB1608GJ121
900
0.08
30
CB1608GJ300
700
0.12
60
CB1608GJ600
150
1.20
2000
CB1608GK202
550
0.30
220
CB1608GK221
600
0.25
120
CB1608GK121
700
0.20
60
CB1608GK600
200
0.70
1000
CB1608GK102
350
0.50
600
CB1608GK601
350
0.45
470
CB1608GK471
200
0.70
1000
CB1608GA102
200
0.50
600
CB1608GA601
200
0.50
470
CB1608GA471
200
0.30
220
CB1608GA221
200
0.20
120
CB1608GA121
200
0.15
60
CB1608GA600
500
0.08
30
CB1608GA300
500
0.05
10
CB1608GA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
DPS-081104
CHIP BEADS, For Signal Line


Numéro de pièce similaire - CB1608GV121

FabricantNo de pièceFiches techniqueDescription
logo
SAMWHA ELECTRIC
CB1608PA100 SAMWHA-CB1608PA100 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA121 SAMWHA-CB1608PA121 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA181 SAMWHA-CB1608PA181 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA300 SAMWHA-CB1608PA300 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA600 SAMWHA-CB1608PA600 Datasheet
514Kb / 13P
   BEADS, For Power Line
More results

Description similaire - CB1608GV121

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com