Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB3216PA501 Fiches technique(PDF) 11 Page - SAMWHA ELECTRIC

No de pièce CB3216PA501
Description  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA501 Fiches technique(HTML) 11 Page - SAMWHA ELECTRIC

Back Button CB3216PA501 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 9Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 10Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 11Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 12Page - SAMWHA ELECTRIC CB3216PA501 Datasheet HTML 13Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
DPS-081104
CHIP BEADS
Packaging
v Standard
Quantity
0.85 T size
2,000
4516
10,000
1005
3,000
3216
4,000
1608
4,000
2012
Remarks
1,000
4532
Q’TY(PCS)
Size
v
Reel Dimension
Φ
13±0.5
Φ
50 min.
Φ
178±2
W
E
D
2±0.2
B
9±1.5
4±0.8
C
A
(Unit:mm)
v
Leader & Blank Portion
(Unit:mm)
Blank
150 min
Blank
Chips
Leader
60 Pitch
60 Pitch
350±50 mm
350±50 mm


Numéro de pièce similaire - CB3216PA501

FabricantNo de pièceFiches techniqueDescription
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Description similaire - CB3216PA501

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com