Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBA3216GK221N4 Fiches technique(PDF) 4 Page - SAMWHA ELECTRIC

No de pièce CBA3216GK221N4
Description  BEADS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CBA3216GK221N4 Fiches technique(HTML) 4 Page - SAMWHA ELECTRIC

  CBA3216GK221N4 Datasheet HTML 1Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 2Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 3Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 4Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 5Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 6Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 7Page - SAMWHA ELECTRIC CBA3216GK221N4 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
Reliability & Test Condition
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Temperature : 125
± 3 ℃
Applied current : rated current
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
High temperature
load resistance
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity
resistance
Preheat temperature : 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10 sec. max.
(Reflow soldering profile)
More than 50% of the terminal electrode
shall be covered with new solder
Reflow soldering
at packing condition
40 ℃ max., 70% RH max.
Storage
temperature range
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10
± 1 sec.
More than 90% of the terminal electrode shall be
covered with new solder
Solderability
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 270
± 10 ℃
Soldering time : 10
± 0.5 sec.
1. No damage such as cracks should be
caused in chip element
2. More than 75% of the terminal electrode
shall be covered with new solder
3. Impedance shall not change
more than ±30 %
Resistance to
soldering heat
Temperature : 125
± 3 ℃
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
1. No mechanical damage
2. Impedance shall not change more than ±30 %
High temperature
resistance
-
- 55 ℃ ~ + 125 ℃
Operating
temperature range
Test Conditions
Requirements
Item
ST ≥
CT
1
3
CT
ST
DPS-081104
CHIP BEADS ARRAY


Numéro de pièce similaire - CBA3216GK221N4

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CBA3750BKAHS VISHAY-CBA3750BKAHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAHW VISHAY-CBA3750BKAHW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKS VISHAY-CBA3750BKAKS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKW VISHAY-CBA3750BKAKW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKGHS VISHAY-CBA3750BKGHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
More results

Description similaire - CBA3216GK221N4

FabricantNo de pièceFiches techniqueDescription
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
   FERRITE CHIP BEADS 4 LINE ARRAY
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com