Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA073V3 Fiches technique(PDF) 6 Page - Bothhand USA, LP.

No de pièce SA073V3
Description  6-15 Watt Switching Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA073V3 Fiches technique(HTML) 6 Page - Bothhand USA, LP.

  SA073V3 Datasheet HTML 1Page - Bothhand USA, LP. SA073V3 Datasheet HTML 2Page - Bothhand USA, LP. SA073V3 Datasheet HTML 3Page - Bothhand USA, LP. SA073V3 Datasheet HTML 4Page - Bothhand USA, LP. SA073V3 Datasheet HTML 5Page - Bothhand USA, LP. SA073V3 Datasheet HTML 6Page - Bothhand USA, LP. SA073V3 Datasheet HTML 7Page - Bothhand USA, LP. SA073V3 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA07L
ORDERING INFORMATION
Fig.A
Fig.B
Fig.D
Unit: m.m.
- A
1
-
A
Output Plug List
Fig.C
0 5
Output Voltage
Blank
Main Unit
Mechanical
AC plug drawing for reference only
MECHANICAL
Standard Output Cable:
20AWG, UL 2468, 1800mm


Numéro de pièce similaire - SA073V3

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
   THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
   Pulse Width Modulation Amplifiers
More results

Description similaire - SA073V3

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Phihong USA Inc.
PSA15W-050 PHIHONG-PSA15W-050 Datasheet
366Kb / 2P
   15 Watt Universal Switching Adapter
logo
Bothhand USA, LP.
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
logo
DATEL, Inc.
PT45S15-0.4 DATEL-PT45S15-0.4 Datasheet
159Kb / 1P
   Switching Regulator 6-Watt SIP, 15 Volts Output
logo
Bothhand USA, LP.
EA10953 BOTHHAND-EA10953 Datasheet
115Kb / 2P
   90 Watt Switching Adapter
logo
DATEL, Inc.
PT22S15-0.4 DATEL-PT22S15-0.4 Datasheet
159Kb / 1P
   Switching Regulator 6-Watt SIP, 15 Volts Output
logo
Bothhand USA, LP.
EA11203 BOTHHAND-EA11203 Datasheet
139Kb / 2P
   120 Watt Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
logo
Phihong USA Inc.
PSA18U-033 PHIHONG-PSA18U-033 Datasheet
89Kb / 2P
   18 Watt Universal Switching Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com