Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7548T Fiches technique(PDF) 4 Page - Sitronix Technology Co., Ltd.

No de pièce ST7548T
Description  66 x 102 Dot Matrix LCD Controller/Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7548T Fiches technique(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7548T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
ST7548T
Ver 1.2
4/50
2006/03/16
PAD NO. PIN Name
X
Y
61
SEG[49]
376
371
62
SEG[50]
321
371
63
SEG[51]
266
371
64
SEG[52]
211
371
65
SEG[53]
156
371
66
SEG[54]
101
371
67
SEG[55]
46
371
68
SEG[56]
-9
371
69
SEG[57]
-64
371
70
SEG[58]
-119
371
71
SEG[59]
-174
371
72
SEG[60]
-229
371
73
SEG[61]
-284
371
74
SEG[62]
-339
371
75
SEG[63]
-394
371
76
SEG[64]
-449
371
77
SEG[65]
-504
371
78
SEG[66]
-559
371
79
SEG[67]
-614
371
80
SEG[68]
-669
371
81
SEG[69]
-724
371
82
SEG[70]
-779
371
83
SEG[71]
-834
371
84
SEG[72]
-889
371
85
SEG[73]
-944
371
86
SEG[74]
-999
371
87
SEG[75]
-1054
371
88
SEG[76]
-1109
371
89
SEG[77]
-1164
371
90
SEG[78]
-1219
371
PAD NO. PIN Name
X
Y
91
SEG[79]
-1274
371
92
SEG[80]
-1329
371
93
SEG[81]
-1384
371
94
SEG[82]
-1439
371
95
SEG[83]
-1494
371
96
SEG[84]
-1549
371
97
SEG[85]
-1604
371
98
SEG[86]
-1659
371
99
SEG[87]
-1714
371
100
SEG[88]
-1769
371
101
SEG[89]
-1824
371
102
SEG[90]
-1879
371
103
SEG[91]
-1934
371
104
SEG[92]
-1989
371
105
SEG[93]
-2044
371
106
SEG[94]
-2099
371
107
SEG[95]
-2154
371
108
SEG[96]
-2209
371
109
SEG[97]
-2264
371
110
SEG[98]
-2319
371
111
SEG[99]
-2374
371
112
SEG[100]
-2429
371
113
SEG[101]
-2484
371
114
COMS
-2540
371
115
COM[0]
-2595
371
116
COM[1]
-2650
371
117
COM[2]
-2705
371
118
COM[3]
-2760
371
119
COM[4]
-2815
371
120
COM[5]
-2870
371


Numéro de pièce similaire - ST7548T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
   FSK power line transceiver
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
   FSK power line transceiver
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results

Description similaire - ST7548T

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
   66 x 102 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
   68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
   68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com