Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101BWS Fiches technique(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

No de pièce SD101BWS
Description  SMALL SIGNAL SCHOTTKY DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

SD101BWS Fiches technique(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  SD101BWS Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
SD101AWS THUR SD101CWS
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
For general purpose applications
The SD10AW to SD101CW series is a Metal-on-silicon Schottky barrier device
which is protected by a PN junction guard ring. The low forward voltage drop
and fast switching make it ideal for protection of MOS devices, steering,
biasing, and coupling diodes for fast switching and low logic level
applications
These diodes are also available in the Mini-MELF case with type
designation LL101A to LL101C ,in the DO-35 case with type
designation SD101A to SD101C and in the SOD-123 case with type
designation SD101AW to SW101CW
(Ratings at 25 C ambient temperature unless otherwise specified)
VRRM
VRRM
VRRM
mW
A
V
V
TSTG
Ptot
TJ
Power Dissipation (infinite Heat Sink)
Peak Reverse Voltage
Storage Temperature Range
Junction temperature
Maximum Single cycle surge 10 s square wave
m
-55 to+150
C
C
C
IFSM
125
2.0
400
1)
60
50
40
1) Valid provided that electrodes are kept at ambient temperature
Case
Weight
:
:
SOD-323 plastic case
Approx. 0.0040 gram
Reverse breakdown voltage
at I =10 A
R
m
Leakage current at V =50V
R
V =40V
V =30V
R
R
Forward voltage drop at I =1mA
F
200
200
200
2.0
2.1
2.2
0.41
0.4
0.39
1
1
0.95
0.9
I =15mA
F
Reverse Recovery time at I =I =5mA,recover to 0.1 R
FR
I
Thermal resistance,junction to Ambient
Junction Capacitance at V =0V ,f=1MHz
R
VR
VR
VR
V
V
V
V
V
V
V
V
V
nA
nA
nA
pF
pF
pF
ns
/W
VF
VF
VF
VF
VF
VF
IR
IR
IR
CJ
CJ
CJ
R
qJA
trr
650
1)
60
50
40
1) Valid provided that electrodes are kept at ambient temperature
SOD-323
Dimensions in inches and (millimeters)
1.7+0.1
(
(
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM
2-111
JF


Numéro de pièce similaire - SD101BWS

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD101BWS DIODES-SD101BWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD101BWS SECOS-SD101BWS Datasheet
1Mb / 2P
   0.015AMP Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SD101BWS SUNMATE-SD101BWS Datasheet
951Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD101BWS WTE-SD101BWS Datasheet
46Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
SD101BWS MCC-SD101BWS Datasheet
182Kb / 3P
   Small Signal Schottky Diodes
More results

Description similaire - SD101BWS

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com