Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55/C22 Fiches technique(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

No de pièce BZX55/C22
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BZX55/C22 Fiches technique(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  BZX55/C22 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C22 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C22 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C22 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX 55/C 30
30
BZX 55/C 33
33
5
1
1
BZX 55/C 36
36
BZX 55/C 39
39
BZX 55/C 43
43
BZX 55/C 47
47
BZX 55/C 51
51
BZX 55/C 56
56
2.5
0.5
0.25
0.1
<0.1
<2
<5
<10
BZX 55/C 62
62
BZX 55/C 68
68
BZX 55/C 75
75
BZX 55/C 82
82
BZX 55/C 91
91
BZX 55/C 150
150
BZX 55/C 100
100
BZX 55/C 160
160
BZX 55/C 110
110
BZX 55/C 180
180
BZX 55/C 120
120
BZX 55/C 200
1) Teated with pulses tp=20ms
2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case
3) The BZX55-C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode lead to
the negative pole.
200
BZX 55/C 130
130
Iand I at V
R
RR
2)
Zener Voltage range 1)
2)
VZNOM
Ifor V
ZT
ZT
VV
V
mA
A
A
mA
%/K
TKV2
28...32
31...35
34...38
37...41
40...46
44...50
48...54
52...60
58...66
64...72
70...79
77...87
85...96
94...106
104...116
114...127
124...141
138...156
153...171
168...191
188...212
<80
<220
<90
<500
<90
<500
<110
<600
<125
<700
<135
<700
<150
<1000
<200
<250
<300
<1500
<450
<2000
<450
<5000
<600
<5000
<800
<5500
<950
<6000
<1250
<6500
<1400
<7000
<1700
<8500
<2000
<10000
22
24
27
30
33
36
39
43
47
51
56
82
62
91
68
110
100
120
75
130
150
0.04...0.12
0.05...0.12


Numéro de pièce similaire - BZX55/C22

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
BZX55/C22 SEMTECH-BZX55/C22 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
More results

Description similaire - BZX55/C22

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com