Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-5970S Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-5970S
Description  ADSL LINE TRANSFORMER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-5970S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-5970S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-5970S DATA SHEET
Feature
Schematic
Mechanical
!
Excellent Longitudinal Balance performance.
!
Operating temperature range: -10℃ to +60℃.
!
Storage temperature range: -25℃ to +75℃.
Electrical Specifications @ 25°C
Turn Ratio
(±2%)
OCL (uH±5%)
@ 10KHz/0.1V
Leakage Inductance (uH Max)
@ 100KHz/0.1V
Longitudinal
Balance(dB Min)
Part
Number
Mounting
(6-10):(5-1)
(6-10),(9+7)short
(6-10),(7+9,1+4+2+5)short
30KHz-1.1MHz
AD-5970S
SMT
3.3:1
800
10
-50
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
(10-7)&( 9-6)
(1-4)&(2 -5)
Inter winding Capacitance (pF typ)
@100KHz/0.1V
(6-5),( 7+9,2+4)short
Isolation Voltage
(Vrms)
AD-5970S
0.55
0.20
25
1875
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn