Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-5961S Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-5961S
Description  ADSL LINE TRANSFORMER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-5961S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-5961S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-5961S DATA SHEET
Feature
Excellent Longitudinal Balance performance.
Operating temperature range: 0℃ to+60℃.
Storage temperature range: -25℃ to +75℃.
Electrical Specifications @ 25°C
Turn Ratio
(±1%)
OCL (uH±10%)
@ 10KHz/0.1V
Leakage Inductance (uH Max)
@ 100KHz/0.1V
Part
Number
Mounting
(9-6):(2-4),
(7+8,3+5) short
(6-9), (7+8) short
(4-2),(3+5) short
(6-9),(7+8,2+3+4+5)short
AD-5961S
SMT
3.3:1
800
73.46
1.0
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
(9-7)
(8-6)
(2-5)
(3-4)
Longitudinal
Balance(dB Min)
(10KHz-1.1MHz)
Isolation Voltage
(Vrms)
AD-5961S
0.495
0.495
0.165
0.165
-45
1875
Schematic
Mechanical
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn