Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-3452S Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-3452S
Description  ADSL LINE TRANSFORMER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3452S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-3452S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-3452S DATA SHEET
Feature
!
Excellent Longitudinal Balance performance.
!
Operating temperature range: 0℃ to +60℃.
!
Storage temperature range: -25℃ to +75℃..
Electrical Specifications @ 25°C
Turn Ratio
(±1%)
OCL (uH±5%)
@10KHz/0.1V
Leakage Inductance(uH Max)
@100 KHz/0.1V
Part
Number
(9-16):(1-4)
(11+14,3+2)
short
(9-16):(5-8)
(11+14,7+6)
short
(9-16),(11+14)
short
(9-16),
(1+4,2+3,5+8,7+6,4+5,11+14)
short
Longitudinal
Balance
(dB Min)
(35KHz to 650KHz)
(9-16),(11+14)
short
AD-3452S
4:1
2:1
700
15
-55
Additional Specifications
DC Resistance(Ω Max)
Inter winding Capacitance(pF Max)( @100KHz,0.1V)
line
chip-Tx
chip-Rx
Part
Number
(9-16),(11+14)short
(1-4),(3+2)short
(5-8),(7+6) short
HI-POT
(Vrms Min)
AD-3452S
1.0
0.3
0.6
1875
Schematic
Mechanical
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn