Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-2951 Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-2951
Description  ADSL LINE TRANSFORMER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-2951 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-2951 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-2951 DATA SHEET
Feature
!
Recommended by Analog Devices for use with their
AD20MSP930 ADSL Chipset.
!
Excellent THD performance in a small footprint.
!
Designed to meet UL1950 & EN60950 supplementary
insulation requirements for working to 250 Vrms.
!
Operating Temperature: -10℃ to+60℃.
!
Storage Temperature: -25
to +75
..
Electrical Specifications @ 25°C
Part
Number
Inductance
(mH)
@±10%,100mAC
Leakage Inductance
@1MHz,1.0VAC, Ls
(1-4) ,(2+3,7+8,9+10)short
Turn Ratio(±1%)
(10-7):(1-4) (8-9,2+3)
Dielectric
1S, 500uA Max
Inter winging Capacitance
(10-1)(1+2+3+4,7+8+9+10)
AD-2951
1.2
10.0µH MAX
2.8:1
1875VAC
40PF Max
Additional Specifications
THD
(Linearity-Typical)
DC Resistance
(Ω Max)(±10%)
Insertion Loss
(dB Max)
Longitudinal
Balance (ITU)
(dB Min)
Part
Number
Distributed
Capacitance
(pF Max)
-80 dB @ 20KHz 5.66Vp-p
(10-8)& (9-7) (1-3)&(2-4)
300KHz
Frequency
Response
(dB)
1.1MHz
AD-2951
40
-79 dB @ 10KHz 5.66Vp-p
0.6
0.25
-0.5
±0.5
-46
Schematic
Mechanical
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn