Moteur de recherche de fiches techniques de composants électroniques |
|
AD-2906S Fiches technique(PDF) 1 Page - Bothhand USA, LP. |
|
AD-2906S Fiches technique(HTML) 1 Page - Bothhand USA, LP. |
|
1 / 1 page P/N: AD-2906S DATA SHEET Feature ! Operating temperature range: -10℃ to+60℃. ! Storage temperature range: -25℃ to +75℃. Electrical Specifications @ 25°C OCL (uH ±5%) @ 10KHz/0.1V Leakage Inductance (uH Max) @ 100 KHz/0.1V Longitudinal Balance(ITU) (dB Min) Part Number Mounting Turn Ratio @100kHz/0.1V (1-5):(10-6), (2+4,7+9) short (1-5), (2+4) short (1-5),(2+4,10+9+7+6)short 30KHz -1.1MHz AD-2906S SMT 2:1 410 10.0 -45 Additional Specifications THD(dB Max) DC Resistance (Ω Max) Isolation Voltage (Vrms) Part Number @10KHz,/2.0V 5.66Vpp @40KHz/4.0V 11.3Vpp (1-4)&(2-5) (9-6)&(10-7) Insertion Loss (dB Max) @ 50KHz (1-10),(2+4,7+9) short AD-2906S -75 -80 0.80 0.30 - 1.0 1875 Schematic Mechanical Bothhandusa.com ADSL LINE TRANSFORMER 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 |
Numéro de pièce similaire - AD-2906S |
|
Description similaire - AD-2906S |