Moteur de recherche de fiches techniques de composants électroniques |
|
1N4744 Fiches technique(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd |
|
1N4744 Fiches technique(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd |
2 / 3 page Nominal Zener Voltage Test Current Maximum regulator Current Surge current 1N4728 76 100 50 10 5 1380 1.0 276 69 1260 1.0 252 400 1.0 64 1190 1.0 234 58 1070 1.0 217 53 970 1.0 193 500 49 890 1.0 178 550 0.5 0.25 45 810 2.0 162 600 41 730 3.0 146 700 750 1000 1500 37 660 4.0 133 34 605 5.0 121 31 550 6.0 110 28 500 7.0 100 25 454 7.6 91 23 414 8.4 83 9 19 344 9.9 69 17 304 11.4 61 15.5 285 12.2 57 14 250 13.7 50 12.5 225 15.2 45 11.5 205 16.7 41 10.5 190 18.2 38 9.5 170 20.6 34 8.5 150 22.8 30 7.5 135 25.1 27 7.0 125 27.4 25 6.5 115 29.7 23 6.0 110 32.7 22 5.5 95 35.8 19 5.0 90 38.8 18 4.5 80 42.6 16 4.0 70 47.1 14 3.7 65 51.7 13 3.3 60 56.0 12 3.0 55 62.2 11 2.8 50 69.2 10 2.5 45 76.0 9 3000 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 1N4729 1N4730 1N4731 1N4732 1N4733 1N4734 1N4735 1N4736 1N4737 1N4738 1N4739 1N4740 1N4741 1N4742 1N4743 1N4744 1N4745 1N4746 1N4747 1N4748 1N4749 1N4750 1N4751 1N4752 1N4753 1N4754 1N4755 1N4756 1N4757 1N4758 1N4759 1N4760 1N4761 1N4762 1N4763 1N4764 Notes: 1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I or I ) is superimposed on I or I . Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature 3) Measured under thermal equilibrium and DC test conditions. ZT ZK ZT ZK 2) 1) 3) 9 10 10 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 21 380 9.1 76 |
Numéro de pièce similaire - 1N4744 |
|
Description similaire - 1N4744 |