Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N18 Datasheet(Fiches technique) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Numéro de pièce 1N18
Description  SHOTTKY BARRIER RECTIFIER
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N18 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  1N18 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N18 Datenblatt HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N17 THRU 1N19
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 1.0Ampere
FEATURES
R-1
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,free wheeling ,and polarity
protection applications
Case
Terminals
Polarity
Mounting Position
Weight
: R-1 molded plastic body
: Plated axial leads, solderable per MIL-STD-750,method 2026
: color band denotes cathode end
: Any
: 0.007ounce,0.20 gram
Notes: 1.Pulse test: 300
s pulse width,1% duty cycle
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load, derate by 20%.)
Dimensions in inches and (millimeters)
Maximum repetitive peak reverse voltage
20
14
20
24
30
21
30
36
40
28
40
48
VRRM
VRSM
Volts
Volts
Volts
Volts
Volts
m
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
,TSTG
VF
VF
IR
CJ
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum non-repetitive peak reverse voltage
Maximum average forward rectified
current 0.375"(9.5mm)lead length at
L=90 C
T
Maximum instantaneous forward voltage at 1.0 A(note 1 )
Maximum instantaneous forward voltage at 3.1 A(note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance(Note 2)
Typical junction capacitance(Note 3)
Operating junction and storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method) at T =70 C
L
1.0
25.0
-65 to +125
50.0
15.0
0.5
10.0
110.0
0.875
0.750
0.900
0.550
0.450
0.600
C/W
C
1-5
2.Thermal resistance (from junction to ambient)Vertical P.C.B. mounted , 0.5"(12.7mm)lead length
3.Measured at 1.0MHz and reverse voltage of 4.0 volts
SEMICONDUCTOR
1N17
1N18
1N19
Symbols
Units
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn