Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N19 Fiches technique(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

No de pièce 1N19
Description  SHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N19 Fiches technique(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N19 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N19 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N17 THRU 1N19
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T =25 C
J
T =125 C
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T=TMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
T =125 C
J
T =25 C
J
T =75 C
J
1-6
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T =25 C
f=1.0MH
J
Z
Vsig=50mVp-p
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM


Numéro de pièce similaire - 1N19

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
1N19 RECTRON-1N19 Datasheet
23Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
1N19 CHENDA-1N19 Datasheet
534Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
1N19 MCC-1N19 Datasheet
370Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Diode Semiconductor Kor...
1N19 DSK-1N19 Datasheet
268Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rectron Semiconductor
1N19 RECTRON-1N19 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

Description similaire - 1N19

FabricantNo de pièceFiches techniqueDescription
logo
Gaomi Xinghe Electronic...
SR680 GXELECTRONICS-SR680 Datasheet
332Kb / 2P
   SHOTTKY BARRIER RECTIFIER
logo
Seme LAB
SB10-150SMD05 SEME-LAB-SB10-150SMD05 Datasheet
331Kb / 2P
   SHOTTKY BARRIER RECTIFIER DIODE
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
   45V 15 Amp Shottky Barrier Rectifier
logo
Solid States Devices, I...
RS0033 SSDI-RS0033 Datasheet
229Kb / 2P
   SHOTTKY RECTIFIER
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
   Shottky Barrier Diode
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
   Shottky barrier diode
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
   Shottky barrier diode
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
   Shottky barrier diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com