Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N17 Datasheet(Fiches technique) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Numéro de pièce 1N17
Description  SHOTTKY BARRIER RECTIFIER
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N17 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N17 Datenblatt HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N17 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N17 THRU 1N19
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T =25 C
J
T =125 C
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T=TMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
T =125 C
J
T =25 C
J
T =75 C
J
1-6
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T =25 C
f=1.0MH
J
Z
Vsig=50mVp-p
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn