Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL38000ZC-XXXT Fiches technique(PDF) 8 Page - SpectraLinear Inc

No de pièce SL38000ZC-XXXT
Description  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXXT Fiches technique(HTML) 8 Page - SpectraLinear Inc

Back Button SL38000ZC-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 9Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 10Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 11Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev 1.1, August 7, 2008
Page 8 of 12
SL38000
Programmable Output Clock (CLKOUT) Rise and Fall Times
The output clock rise and fall times (tr/tf) of each clock output can be programmed independently to match drive level
to load impedance.
Programming
Code
VDDO=3.3V
CL=15pF
VDDO=2.5V
CL=15pF
VDDO=1.8V
CL=15pF
Unit
000
4.00
4.80
5.60
ns
001
2.00
2.60
3.20
ns
010
1.40
1.80
2.20
ns
011
1.10
1.40
1.70
ns
100
0.85
1.10
1.40
ns
101
0.70
0.90
1.10
ns
110
0.55
0.70
0.90
ns
Table 1. Programmable CLKOUT Rise and Fall Times
Notes:
1. All typical values are at respective nominal VDD values.
2. The worst case rise and fall times variations are +/- 20% for C-Grade and +/-30% for I-grade.
I2C-Bus Timing Specifications
STANDARD-MODE
FAST-MODE
PARAMETER
SYMBOL
MIN.
MAX.
MIN.
MAX.
UNIT
SCL Clock
Frequency
fSCL
0
100
0
400
kHz
START hold
time
tHD;STA
4.0
-
0.6
-
μs
SCLK LOW
period
tLOW
4.7
-
1.3
-
μs
SCLK HIGH
period
tHIGH
4.0
-
0.6
-
μs
START Set-
up time
tSU;DAT
4.7
-
0.6
-
μs
SDA set-up
time
tSU;DAT
250
-
100
-
ns
SDA/SCLK
rise time
tR
-
1000
-
300
ns


Numéro de pièce similaire - SL38000ZC-XXXT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Description similaire - SL38000ZC-XXXT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com