Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL38000 Fiches technique(PDF) 4 Page - SpectraLinear Inc

No de pièce SL38000
Description  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000 Fiches technique(HTML) 4 Page - SpectraLinear Inc

  SL38000 Datasheet HTML 1Page - SpectraLinear Inc SL38000 Datasheet HTML 2Page - SpectraLinear Inc SL38000 Datasheet HTML 3Page - SpectraLinear Inc SL38000 Datasheet HTML 4Page - SpectraLinear Inc SL38000 Datasheet HTML 5Page - SpectraLinear Inc SL38000 Datasheet HTML 6Page - SpectraLinear Inc SL38000 Datasheet HTML 7Page - SpectraLinear Inc SL38000 Datasheet HTML 8Page - SpectraLinear Inc SL38000 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev 1.1, August 7, 2008
Page 4 of 12
SL38000
22
VDDO-3
Power
Power supply for CLKOUT-5/6/7, 3.3V to 2.5V or 1.8V, VDDO ≤ VDD.
23
VDDO-4
Power
Power supply for CLKOUT-4, 3.3V to 2.5V or 1.8V, VDDO ≤ VDD.
9
VSSO-1
Power
Power ground for CLKOUT-3.
10
VSSO-2
Power
Power ground for CLKOUT-1/2/8/9.
20
VSSO-3
Power
Power ground for CLKOUT-5/6/7.
21
VSSO-4
Power
Power ground for CLKOUT-4.
28
XOUT
Output
Leave unconnected when external clock is used.
Absolute Maximum Ratings
Description
Condition
Min
Max
Unit
Supply voltage, VDD
VDDA and VDDX
-0.5
4.2
V
Supply voltage, VDDO
VDDO≤VDDA=VDDX
-
VDD
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
-40
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
-
125
°C
Soldering Temperature
-
260
°C
ESD Rating (Human Body Model)
JEDEC22-A114D
-4,000
4,000
V
ESD Rating (Charge Device Model)
JEDEC22-C101C
-1,500
1,500
V
ESD Rating (Machine Model)
JEDEC22-A115D
-250
250
V
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDDA=VDDX=2.5V to 3.3V+/-10%, CL=15pF and Ambient Temperature range 0 to +70 Deg C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Input Low Voltage
VIL
CMOS Level, Pins programmed as
PD#, OE, SSON# or FS
0
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, Pins programmed as
PD#, OE, SSON# or FS
0.7VDD
-
VDD
V
Output High Voltage
VOH1
IOH=-6mA , Pins programmed as
CLKOUT/REFOUT
VDDO-
0.5
-
-
V
Output Low Voltage
VOL1
IOL=6mA , Pins programmed as
CLKOUT/REFOUT
-
-
0.5
V
Output High Voltage
VOH2
IOH=-4mA , Pins programmed as
CLKOUT/REFOUT
VDDO-
0.4
-
-
V
Output Low Voltage
VOL2
IOL=4mA , Pins programmed as
CLKOUT/REFOUT
-
-
0.4
V


Numéro de pièce similaire - SL38000

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZI-15AH SILABS-SL38000ZI-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Description similaire - SL38000

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com