Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL15300 Fiches technique(PDF) 2 Page - SpectraLinear Inc

No de pièce SL15300
Description  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRALINEAR [SpectraLinear Inc]
Site Internet  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15300 Fiches technique(HTML) 2 Page - SpectraLinear Inc

  SL15300 Datasheet HTML 1Page - SpectraLinear Inc SL15300 Datasheet HTML 2Page - SpectraLinear Inc SL15300 Datasheet HTML 3Page - SpectraLinear Inc SL15300 Datasheet HTML 4Page - SpectraLinear Inc SL15300 Datasheet HTML 5Page - SpectraLinear Inc SL15300 Datasheet HTML 6Page - SpectraLinear Inc SL15300 Datasheet HTML 7Page - SpectraLinear Inc SL15300 Datasheet HTML 8Page - SpectraLinear Inc SL15300 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev 1.0, August 14, 2008
Page 2 of 16
SL15300
Pin Configuration
8-Pin TSSOP
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
VDD
Power
Positive power supply.
2
XOUT
Output
Crystal or ceramic resonator output pin. Leave this pin unconnected
(floating) if external clock is used at Pin-3.
3
XIN/CLKIN
Input
Crystal, ceramic resonator or external clock input pin.
4
SSCLK4,
REFCLK3,
PD#, OE,
SSON# or FS
Output or
Input
Multi function Programmable SSCLK4 or REFOUT3 clock pin or PD#,
OE, SSON#, or FS control pin. Power Down (PD#-Active Low): If
PD#=0(Low) and Output Enable (OE-Active High).
If PD# or OE is programmed, the pin is weakly pulled high to VDD.
If SSON# or FS is programmed, the pin is weakly pulled low to VSS.
5
VSS
Power
Power supply ground.
6
SSCLK2,
REFCLK1
Output
This pin can be programmed as SSCLK2 or REFCLK1 clock pin.
7
SSCLK1 or
REFCLK2
Output
This pin can be programmed as SSCLK2 or REFCLK2.
8
SSCLK4,
REFCLK3,
PD#, OE,
SSON# or FS
Input or
Output
Multi function Programmable SSCLK4 or REFOUT3 clock pin or PD#,
OE, SSON# or FS control pin. Power Down (PD#-Active Low): If
PD#=0(Low) and Output Enable (OE-Active High).
If PD# or OE is programmed, the pin is weakly pulled high to VDD.
If SSON# or FS is programmed, the pin is weakly pulled low to VSS.
Notes:
1. Pull-down/up resisters can be programmed to VDD or VSS as required. The above programming values are
default values.
2. Refer to DC electrical specifications tables for pull-down/up resistor values.


Numéro de pièce similaire - SL15300

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL1530003-L-A AMETHERM-SL1530003-L-A Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

Description similaire - SL15300

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com