Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10113L Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC10113L
Description  Quad Exclusive OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10113L Fiches technique(HTML) 2 Page - Motorola, Inc

  MC10113L Datasheet HTML 1Page - Motorola, Inc MC10113L Datasheet HTML 2Page - Motorola, Inc MC10113L Datasheet HTML 3Page - Motorola, Inc MC10113L Datasheet HTML 4Page - Motorola, Inc MC10113L Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10113
3–49
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
46
42
46
mAdc
Input Current
IinH
4,7,10,13
5,6,11,12
9
425
350
870
265
220
545
265
220
545
µAdc
IinL
*
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
3
14
15
–1.060
–1.060
–1.060
–1.060
–0.890
–0.890
–0.890
–0.890
–0.960
–0.960
–0.960
–0.960
–0.810
–0.810
–0.810
–0.810
–0.890
–0.890
–0.890
–0.890
–0.700
–0.700
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
14
15
–1.890
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
14
15
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
14
15
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
Min
Typ
Max
ns
Propagation Delay
t4+2+
t4–2–
t9+2–
t9–2+
2
2
2
2
1.1
1.1
1.3
1.3
4.7
4.7
5.2
5.2
1.3
1.3
1.5
1.5
2.6
2.6
3.4
3.4
4.5
4.5
5.0
5.0
1.3
1.3
1.5
1.5
5.0
5.0
5.5
5.5
Rise Time
(20 to 80%)
t2+
2
1.1
4.2
1.1
2.5
3.9
1.1
4.4
Fall Time
(20 to 80%)
t2–
2
1.1
4.2
1.1
2.5
3.9
1.1
4.4
* Individually test each input applying VIH or VIL to input under test.


Numéro de pièce similaire - MC10113L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10113L ONSEMI-MC10113L Datasheet
109Kb / 8P
   Quad Exclusive OR Gate
January, 2002 ??Rev. 7
More results

Description similaire - MC10113L

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com